Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT3010R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT3010R
Description  Power MOSFETs and IGBT for PDP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3010R Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT3010R Datasheet HTML 1Page - Renesas Technology Corp HAT3010R Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
April 2010
Renesas Electronics
©2010. Renesas Electronics Corporation, All rights reserved.
Power MOSFET
IGBT (High-speed type)
VDSS
ID
VGS
VGS(off)
RDS(on)
(V)
(A)
(V)
typ(V)
typ(mΩ)
H7N1005LS
100
15
±20
2.0
85
LDPAK
H7N1004LS
100
30
±20
2.0
25
LDPAK
H5N2301PF
230
25
±30
3.5
65
TO-3PFM
H5N2306PF
230
30
±30
3.5
48
TO-3PFM
H5N2305PF
230
35
±30
3.5
30
TO-3PFM
H5N2509P
250
30
±30
3.5
53
TO-3PFM
H5N2503P
250
50
±30
3.5
40
TO-3P
H5N3004P
300
25
±30
3.5
75
TO-3P
H5N3007LS
300
25
±30
2.8
120
LDPAK
H5N3003P
300
40
±30
3.5
60
TO-3P
H5N3504P
350
20
±30
3.5
100
TO-3P
P/N
Package
Electrical Characteristics
Maximum Rating
P/N
VCES
IC
VGE
VCE(sat)
tf
Package
(V)
(A)
(V)
(V) typ
(μS)  typ
GN4030V5AB
400
30
±20
1.5
0.12
TO-220AB
GN6030V5AB
600
30
±20
1.7
0.12
TO-220AB
RJP3053DPP
300
30
±30
2.0
0.15
TO-220FN
RJP3063DPP
300
30
±30
1.7
0.30
TO-220FN
RJP3054DPP
300
35
±30
1.8
0.15
TO-220FN
RJP3064DPP
300
35
±30
1.5
0.30
TO-220FN
RJP3055DPP
300
40
±30
1.8
0.15
TO-220FN
RJP3065DPP
300
40
±30
1.5
0.3
TO-220FN
RJP4065DPP
400
40
±30
1.6
0.3
TO-220FN
RJP2557DPK
270
50
±30
1.6
0.15
TO-3P
RJP3056DPK
300
45
±30
1.6
0.15
TO-3P
RJP3057DPK
300
50
±30
1.6
0.15
TO-3P
RJP3066DPK
300
45
±30
1.4
0.3
TO-3P
RJP3067DPK
300
50
±30
1.4
0.3
TO-3P
RJP4067DPK
400
50
±30
1.7
0.35
TO-3P
Maximum Rating
Electrical Charcteristics
Addressing IC
TV/PC
Signal
PDP
Signal
processing
Timing
control
Power
supply
Sustain
circuit
Sustain
circuit
X
Panel
Y
Power device
PDP trends
High Intensity
High breakdown
voltage
High Efficiency
Low resistance
High speed switching
Low Cost
Wide MOSFET
line-ups
High pressure Gas
IGBT
Optimum FET
High Speed IGBT
Power MOSFETs and IGBT for PDP
Product Lineup
PDP System
Power MOSFET
IGBT
Low ON resistance
Low Qg
High avalanche tolerance
Low VCE (sat)
High-speed switching
Merits


Similar Part No. - HAT3010R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3010R RENESAS-HAT3010R Datasheet
149Kb / 16P
Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R Datasheet
116Kb / 10P
Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_05 Datasheet
116Kb / 10P
Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_15 Datasheet
136Kb / 12P
Silicon N / P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT3010R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
300V PDP IGBT
logo
International Rectifier
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
PDP TRENCH IGBT
IRGB4065PBF IRF-IRGB4065PBF Datasheet
785Kb / 9P
PDP TRENCH IGBT
IRGI4055PBF IRF-IRGI4055PBF Datasheet
251Kb / 7P
PDP TRENCH IGBT
IRGP4086PBF IRF-IRGP4086PBF Datasheet
247Kb / 7P
PDP TRENCH IGBT
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
PDP TRENCH IGBT
logo
Fairchild Semiconductor
FGD4536 FAIRCHILD-FGD4536 Datasheet
689Kb / 8P
360V, PDP IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
330V, PDP IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com