Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT94S Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 4 Page - ATMEL Corporation

  AT94S Datasheet HTML 1Page - ATMEL Corporation AT94S Datasheet HTML 2Page - ATMEL Corporation AT94S Datasheet HTML 3Page - ATMEL Corporation AT94S Datasheet HTML 4Page - ATMEL Corporation AT94S Datasheet HTML 5Page - ATMEL Corporation AT94S Datasheet HTML 6Page - ATMEL Corporation AT94S Datasheet HTML 7Page - ATMEL Corporation AT94S Datasheet HTML 8Page - ATMEL Corporation AT94S Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
AT94S Secure Family
2314D–FPSLI–2/04
Internal Architecture
For details of the AT94S Secure FPSLIC architecture, please refer to the AT94K
FPSLIC datasheet and the AT17 Series Configuration Memory datasheet, available on
the Atmel web site at http://www.atmel.com. This document only describes the differ-
ences between the AT94S Secure FPSLIC and the AT94K FPSLIC.
FPSLIC and
Configurator
Interface
•
Fully In-System Programmable and Re-programmable
•
When Security Bit Set:
–
Data Verification Disabled
–
Data Transfer to FPSLIC not Externally Visible
–
Secured EEPROM Will Only Boot the FPSLIC Device or Respond to a Chip
Erase
•
When Security Bit Cleared:
–
Entire Chip Erase Performed
–
In-System Programming Enabled
–
Data Verification Enabled
External Data pins allow for In-System Programming of the device and setting of the
EEPROM-based security bit. When the security bit is set (active) this programming con-
nection will only respond to a device erase command. Data cannot be read out of the
external programming/data pins when the security bit is set. The part can be re-pro-
grammed, but only after first being erased.
Programming and
Configuration Timing
Characteristics
Atmel’s Configurator Programming Software (CPS), available from the Atmel web site
(http://www.atmel.com/dyn/products/tools_card.asp?tool_id=3191), creates the pro-
gramming algorithm for the embedded configurator; however, if you are planning to
write your own software or use other means to program the embedded configurator, the
section below includes the algorithm and other details.
The FPSLIC Configurator The FPSLIC Configurator is a serial EEPROM memory which is used to load program-
mable devices. This document describes the features needed to program the
Configurator from within its programming mode (i.e., when SER_EN is driven Low).
Reference schematics are supplied for ISP applications.
Serial Bus Overview
The serial bus is a two-wire bus; one wire (cSCK) functions as a clock and is provided
by the programmer, the second wire (cSDA) is a bi-directional signal and is used to pro-
vide data and control information.
Information is transmitted on the serial bus in messages. Each MESSAGE is preceded
by a Start Condition and ends with a Stop Condition. The message consists of an inte-
ger number of bytes, each byte consisting of 8 bits of data, followed by a ninth
Acknowledge Bit. This Acknowledge Bit is provided by the recipient of the transmitted
byte. This is possible because devices may only drive the cSDA line Low. The system
must provide a small pull-up current (1 k
Ω equivalent) for the cSDA line.
The MESSAGE FORMAT for read and write instructions consists of the bytes shown in
“Bit Format” on page 5.
While writing, the programmer is responsible for issuing the instruction and data. While
reading, the programmer issues the instruction and acknowledges the data from the
Configurator as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com