Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC25 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATC25
Description  Cell-based ASIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC25 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATC25 Datasheet HTML 1Page - ATMEL Corporation ATC25 Datasheet HTML 2Page - ATMEL Corporation ATC25 Datasheet HTML 3Page - ATMEL Corporation ATC25 Datasheet HTML 4Page - ATMEL Corporation ATC25 Datasheet HTML 5Page - ATMEL Corporation ATC25 Datasheet HTML 6Page - ATMEL Corporation ATC25 Datasheet HTML 7Page - ATMEL Corporation ATC25 Datasheet HTML 8Page - ATMEL Corporation ATC25 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ATC25 Summary
1306DS–CBIC–09/02
Input/Output Pad Cell
Libraries
IO25lib and IO33lib
The Atmel Input/Output Cell Library, IO25lib, contains a comprehensive list of input, out-
put, bidirectional and tristate cells. The ATC25 (2.5V) cell library includes a special set
of I/O cells, IO33lib, for interfacing with external 3V devices.
Voltage Levels
The IO25lib library is made up exclusively of low-voltage chip interface circuits powered
by a voltage in the range of 2.25V to 2.75V. The library is compatible with the SClib 2.5-
volt standard cells library.
Power and Ground Pads
Designers are strongly encouraged to provide three kinds of power pairs for the IO25lib
library. These are “AC”, “DC” and core power pairs. AC power is used by the I/O to
switch its output from one state to the other. This switching generates noise in the AC
power buses on the chip. DC power is used by the I/O to maintain its output in a steady
state. The best noise performance is achieved when the DC power buses on the chip
are free of noise; designers are encouraged to use separate power pairs for AC and DC
power to prevent most of the noise in the AC power buses from reaching the DC power
buses. The same power pairs can be used to supply both DC power to the I/Os and
power to the core without affecting noise performance.
Table 6. VSS Power Pad Combinations
Core
Switching I/O
Quiet I/O
Library Cell
Name
Signal Name
Vssi
VssAC
VssDC
•
pv25i00
VSS
•
pv25a00
VSS
•
pv25d00
VSS
••
pv25e00
VSS
••
pv25b00
VSS
•••
pv25f00
VSS
Table 7. VDD Power Pad Combinations
Core
Switching I/O
Quiet I/O
Library Cell
Name
Signal Name
Vddi
VddAC
VddDC
•
pv25i25
VDD
•
pv25a25
VDD
•
pv25d25
VDD
••
pv25e25
VDD
••
pv25b25
VDD
•••
pv25f25
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com