Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9031ADE-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9031ADE-TR
Description  Hall Effect Sensor IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9031ADE-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9031ADE-TR Datasheet HTML 1Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 2Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 3Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 4Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 5Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 6Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 7Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 8Page - Anpec Electronics Coropration APX9031ADE-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Apr., 2001
APX9031
www.anpec.com.tw
2
Gnd
Output
APX9031
Reverse
Voltage
Protection
Temperature
Compensated
Voltage
Regulator
Hall
Element
Current
Amplifier
Latch
Circuit
Output
Buffer
Hysteresis
Control
Sensitivity
Control
V
DD
Block Diagram
APX9031
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V
DD
Supply Voltage
Operating
3
20
V
V
SAT
Output Saturation Voltage
I
OUT=20mA, B>Bop
0.2
V
I
DD
Supply Current
V
DD=20V, B<Brp
3.5
6
mA
I
Leak
Output Leakage Current
V
OUT=20V, B<Brp
0.5
2
µA
t
r
a
Output Rise Time
0.6
µs
t
f
a
Output Fall Time
V
DD=12V, RL=820Ω
, C
L=20pF
0.3
µs
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage
20
V
I
DD
Supply Current
8
mA
I
O
Output Current
20
mA
P
D
Maximum Power Dissipation
400
mW
T
A
Operating Ambient Temperature
-20 to 85
T
STG
Storage Temperature Range
-55 to 150
T
S
Soldering Temperature (10 seconds)
260
°C
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Notes
a : use Figure 1
T
A = 25°C, VDD=12V unless otherwise noted
Electical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com