Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM2815T Datasheet(PDF) 2 Page - International Rectifier

Part # ARM2815T
Description  HYBRID-HIGH RELIABILITY 1MEGA-RAD HARDENED DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARM2815T Datasheet(HTML) 2 Page - International Rectifier

  ARM2815T Datasheet HTML 1Page - International Rectifier ARM2815T Datasheet HTML 2Page - International Rectifier ARM2815T Datasheet HTML 3Page - International Rectifier ARM2815T Datasheet HTML 4Page - International Rectifier ARM2815T Datasheet HTML 5Page - International Rectifier ARM2815T Datasheet HTML 6Page - International Rectifier ARM2815T Datasheet HTML 7Page - International Rectifier ARM2815T Datasheet HTML 8Page - International Rectifier ARM2815T Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ARM28XXT SERIES
(28V Input, Triple Output)
2
2016-07-01
Specifications
Absolute Maximum Ratings
 
Recommended Operating Conditions   
Input voltage range
-0.5VDC to +80VDC
Input voltage range
+19VDC to +60VDC
+19V to +50V for full de-rating to
MIL-STD-975
Minimum Output Current
5% Maximum rated
current, any Output
Output power
3.0W to 30W
Soldering temperature
300°C for 10 seconds
-55°C to +125°C
Storage case temperature
-65°C to +135°C
-55°C to +85°C for full de-rating to
MIL-STD-975
Operating case temperature
Static Characteristics -55°C ≤ TCASE ≤ +125°C, VIN = 28VDC, CL= 0, unless otherwise specified.
For Notes to Electrical Performance Characteristics, refer to page 3
Parameter
Symbol
Test Conditions
Limits
Min.
Max.
Output voltage accuracy
VOUT
IOUT = 1.5Adc, TC = +25°C
(main)
IOUT = ±250mAdc, TC = +25°C
ARM2812 (dual)
IOUT = ±250mAdc, TC = +25°C
ARM2815 (dual)
4.95
±11.50
±14.50
5.05
±12.50
±15.15
VDC
Output power
Note 5
POUT
19 VDC< VIN < 50VDC
3.0
30
W
Output current
Note 5
IOUT
(main)
19 VDC< VIN < 50VDC
(dual)
150
75
3000
750
mAdc
Line regulation
Note 3
VRLINE
150 mAdc < IOUT < 3000 mAdc
(main)
19 Vdc< VIN < 50Vdc
±75 mAdc < IOUT < ±750 mAdc
(dual)
-15
-60
+15
+60
mV
Load regulation
Note 4
VRLOAD
150 mAdc < IOUT < 3000 mAdc
(main)
19 VDC< VIN < 50VDC
±75 mAdc < IOUT < ±750 mAdc
(dual)
-180
-300
+180
+300
mV
Cross regulation
Note 8
VRCROSS
(main)
19 VDC < VIN < 50VDC
(dual)
-10
-500
+10
+500
mV
Total regulation
VR
All conditions of Line, Load,
(main)
Cross Regulation, Aging,
Temperature and Radiation
ARM2812 (dual)
ARM2815 (dual)
4.8
±11.1
±13.9
5.2
±12.9
±16.0
V
Input current
IIN
IOUT = minimum rated, Pin 3 open
Pin 3 shorted to pin 2 (disabled)
250
8.0
mA
Unit
Output ripple voltage Note 6
VRIP
19 VDC< VIN < 50VDC
IOUT = 3000 mAdc (main), ±500 mAdc
(dual)
100
mVp.p
Input ripple current
Note 6
IRIP
19 VDC< VIN < 50VDC
IOUT = 3000 mAdc (main), ±500 mAdc
(dual)
150
mAp.p
Switching frequency
FS
Synchronization input open. (pin 6)
225
275
kHz
Efficiency
EFF
IOUT = 3000 mAdc (main), ±500 mAdc
(dual)
80
%
Enable Input
open circuit voltage
drive current (sink)
voltage range
19VDC< VIN < 50VDC
3.0
0.1
-0.5
5.0
50.0
V
mA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com