Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-07914 Datasheet(PDF) 6 Page - SparkFun Electronics

Part # DEV-07914
Description  ProtoShield Quickstart Guide
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-07914 Datasheet(HTML) 6 Page - SparkFun Electronics

  DEV-07914 Datasheet HTML 1Page - SparkFun Electronics DEV-07914 Datasheet HTML 2Page - SparkFun Electronics DEV-07914 Datasheet HTML 3Page - SparkFun Electronics DEV-07914 Datasheet HTML 4Page - SparkFun Electronics DEV-07914 Datasheet HTML 5Page - SparkFun Electronics DEV-07914 Datasheet HTML 6Page - SparkFun Electronics DEV-07914 Datasheet HTML 7Page - SparkFun Electronics DEV-07914 Datasheet HTML 8Page - SparkFun Electronics DEV-07914 Datasheet HTML 9Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
The button on the ProtoShield is 'pulled high', meaning one side of the button is
connected, through a resistor, to +5V and also to 'JC1' (which should then be
connected to an Arduino pin of your choice). The other end of the button is simply
connected to ground. This means that when the button is pressed it will read as
LOW, otherwise it will be HIGH. In the example above, the LED will be on unless the
button is being pressed.
Using the BlueSMiRF port
Bluetooth is a really simple, and effective way to add wireless communication to your
project. The BlueSMiRF Gold works as, essentially, a serial cable minus the wires.
Only four connections are required to communicate with the BlueSMiRF - 5V, GND,
RX and TX.
When you connect the BlueSMiRF to your ProtoShield, take care to match the 'VCC',
'GND', 'TX-O', and 'RX-I' labels of the BlueSMiRF with the '5V', 'GND', 'D0', and 'D1'
labels of the shield.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com