Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLP32300P2016G Datasheet(PDF) 49 Page - Zilog, Inc.

Part # ZLP32300P2016G
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300P2016G Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button ZLP32300P2016G Datasheet HTML 45Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 46Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 47Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 48Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 49Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 50Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 51Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 52Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
45
When more than one interrupt is pending, priorities are resolved by a programmable
priority encoder controlled by the Interrupt Priority Register. An interrupt machine cycle
activates when an interrupt request is granted. As a result, all subsequent interrupts are
disabled, and the Program Counter and Status Flags are saved. The cycle then branches to
the program memory vector location reserved for that interrupt. All Crimzon ZLP32300
interrupts are vectored through locations in the program memory. This memory location
and the next byte contain the 16-bit address of the interrupt service routine for that
particular interrupt request. To accommodate polled interrupt systems, interrupt inputs are
masked, and the Interrupt Request register is polled to determine which of the interrupt
requests require service.
An interrupt resulting from AN1 is mapped into IRQ2, and an interrupt from AN2 is
mapped into IRQ0. Interrupts IRQ2 and IRQ0 can be rising, falling, or both edge
triggered. These interrupts are programmable. The software can poll to identify the state of
the pin.
Programming bits for the Interrupt Edge Select are located in the IRQ Register (R250),
bits D7 and D6. The configuration is indicated in Table 12.
Table 11. Interrupt Types, Sources, and Vectors
Name
Source
Vector Location
Comments
IRQ0
P32
0,1
External (P32), Rising, Falling Edge Triggered
IRQ1
P33
2,3
External (P33), Falling Edge Triggered
IRQ2
P31, TIN 4,5
External (P31), Rising, Falling Edge Triggered
IRQ3
T16
6,7
Internal
IRQ4
T8
8,9
Internal
IRQ5
LVD
10,11
Internal
Table 12. IRQ Register
IRQ
Interrupt Edge
D7
D6
IRQ2 (P31)
IRQ0 (P32)
00
F
F
01
F
R
10
R
F
11
R/F
R/F
Note: F = Falling Edge; R = Rising Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com