Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # DPG
Description  Dual axis inclinometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DPG Datasheet(HTML) 4 Page - TE Connectivity Ltd

  DPG Datasheet HTML 1Page - TE Connectivity Ltd DPG Datasheet HTML 2Page - TE Connectivity Ltd DPG Datasheet HTML 3Page - TE Connectivity Ltd DPG Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DPG-SERIES INCLINOMETER
SENSOR SOLUTIONS /// DPG-Series Inclinometer Rev 6
01/2016
Page 4
ORDERING INFORMATION
PART NUMBERING
UNIT
SHORT DESCRIPTION
G-NSDPG2-003
NS- 5/DPG2-RUD
Range +/-
5°, Vcc +7… 30VDC, output RS232, voltage +0.3 to +4.7V
G-NSDPG2-001
NS-10/DPG2-RUG
Range +/-
10°, Vcc +7… 30VDC, output RS232, voltage +0.3 to +4.7V
G-NSDPG2-002
NS-15/DPG2-RUG
Range +/-
15°, Vcc +7… 30VDC, output RS232, voltage +0.3 to +4.7V
G-NSDPG2-005
NS-30/DPG2-RUN
Range +/-
30°, Vcc +7… 30VDC, output RS232, voltage +0.3 to +4.7V
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to herein
might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse
of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2016 TE Connectivity Ltd. family of companies
All Rights Reserved.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
1000 Lucas Way
Hampton, VA 23666
United States
Phone: +1-800-745-8008
Fax: +1-757-766-4297
Email: sales@meas-spec.com
EUROPE
MEAS Deutschland GmbH (Europe)
a TE Connectivity Company
Hauert 13
D-44227 Dortmund
Germany
Phone: +49-(0)231-9740-0
Fax: +49-(0)231-9740-20
Email: info.de@meas-spec.com
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
No. 26 Langshan Road
Shenzhen High-Tech Park (North)
Nanshan District, Shenzhen 518057
China
Phone: +86-755-33305088
Fax: +86-755-33305099
Email: info.cn@meas-spec.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com