Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS20 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # FS20
Description  Essentially Unlimited Cycle Life Expectancy
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FS20 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  FS20 Datasheet HTML 1Page - TE Connectivity Ltd FS20 Datasheet HTML 2Page - TE Connectivity Ltd FS20 Datasheet HTML 3Page - TE Connectivity Ltd FS20 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FS20
Low Force Compression Load Cell
SENSOR SOLUTIONS /// FS20
8/2016
Page 2
STANDARD RANGES
Range
Grams-Force
0 to 0500
0 to 0750
0 to 1000
0 to 1500
0 to 2000
0 to 5000
PERFORMANCE SPECIFICATIONS
Supply Voltage: 5.0V, Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Excitation Voltage
4.975
5
5.025
Vdc
Zero Output (FS2030)
0.45
0.5
0.55
Vdc
Zero Output (FS2050)
0.95
1
1.05
Vdc
Output Span (FS2030)
3.9
4
4.1
Vdc
Output Span (FS2050)
2.9
3
3.1
Vdc
Non-Linearity
-1
1
%FSO
Zero Return
-0.80
0.80
%FSO
Span Repeat
-0.80
0.80
%FSO
Hysteresis
-0.80
0.80
%FSO
Thermal Zero Shift
-0.05
0.05
%FSO/°C
1
Thermal Sensitivity Shift
-0.05
0.05
%FSO/°C
1
Zero Drift
-0.5
0.5
%FSO
3 minutes
Creeping
-0.5
0.5
%FSO
3 minutes
Isolation Resistance (250Vdc)
50
MΩ
Safe Load Limit
2.5X
Rated
Operating Temperature
-40
+85
°C
Storage Temperature
-40
+85
°C
Compensated Temperature
0
50
°C
Humidity
0
90
%RH
Deflection at Rated Load
0.05
mm
For custom configurations, consult factory.
Notes
1.
Maximum temperature error over compensated range with respect to 25°C
CE Compliance
IEC61000-4-2 [4 KV/4 KV (Air/Contact)]
IEC61000-4-3 (3 V/m)
IEC55022 Class A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com