Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-12887 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-12887
Description  Electric Imp Breakout Hookup Guide
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12887 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-12887 Datasheet HTML 1Page - SparkFun Electronics DEV-12887 Datasheet HTML 2Page - SparkFun Electronics DEV-12887 Datasheet HTML 3Page - SparkFun Electronics DEV-12887 Datasheet HTML 4Page - SparkFun Electronics DEV-12887 Datasheet HTML 5Page - SparkFun Electronics DEV-12887 Datasheet HTML 6Page - SparkFun Electronics DEV-12887 Datasheet HTML 7Page - SparkFun Electronics DEV-12887 Datasheet HTML 8Page - SparkFun Electronics DEV-12887 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Electric Imp Hookup Guide SparkFun Wish List
If, on the other hand, you want to use the imp002, you will need the Electric
Imp imp002 Breakout Board.
Aside from one of those platforms, we’ll use a few common electronics
parts you may already have. Here’s a wishlist of everything else we’ll be
using.
NOTE: The 2-pin jumper is only required for the Electric Imp Breakout
Board.
Jumper - 2 Pin
PRT-09044
SparkFun USB Mini-B Cable - 6 Foot
CAB-11301
Breadboard - Translucent Self-Adhesive (Red)
PRT-11317
Rotary Potentiometer - Linear (10k ohm)
COM-09288
Resistor Kit - 1/4W (500 total)
COM-10969
LED - RGB Diffused Common Cathode
COM-09264
LED - Basic Red 5mm
COM-09590
Mini Pushbutton Switch
COM-00097
Jumper Wires Standard 7" M/M Pack of 30
PRT-11026
Electric Imp
 WRL-11395
   3
SparkFun Electric Imp
Breakout
 BOB-12886
SparkFun Electric Imp
imp002 Breakout
 BOB-12958
   2
Page 2 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com