Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-12935 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-12935
Description  FTDI SmartBasic Hookup Guide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-12935 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-12935 Datasheet HTML 1Page - SparkFun Electronics DEV-12935 Datasheet HTML 2Page - SparkFun Electronics DEV-12935 Datasheet HTML 3Page - SparkFun Electronics DEV-12935 Datasheet HTML 4Page - SparkFun Electronics DEV-12935 Datasheet HTML 5Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The FTDI SmartBasic hardware is pretty simple. It routes the serial signals
from an Arduino Pro, Pro Mini, Fio, or LilyPad board (along with any other
board which uses the standard FTDI header footprint) either to the
programming PC via a USB-to-serial bridge or to any other device with the
FTDI Basic-type header. It uses the venerable FT232RL chip used on the
original FTDI Basic boards and the TS3USB221A signal multiplexer from TI
to make connecting to multiple serial devices easy.
The Board
The actual board design is fairly compact. We’ve left the headers off, so
you can choose the header most appropriate for your application.
The header labeled “CLIENT” is basically the same as the output header on
a standard FTDI Basic board. If you connect that header to the Arduino as
you would with a normal Basic, you can program the Arduino exactly as you
would normally, and never notice a difference.
The benefit comes in with the “HOST” header. That header can be
connected to any host-type device (such as another FTDI board, or any of
our Bluetooth Mate type boards). You can then wire the !OE and SEL lines
to pins on the Arduino to enable the application code to route serial data
from the hardware port to either the USB serial bridge or the device
connected to the HOST header.
Because of the pull-down resistor on the SEL line, if that pin is left floating,
the default destination for the traffic is the USB serial bridge. When in
bootloader mode, all non-serial pins will be high impedance inputs, so after
the Arduino IDE resets the Arduino board the bootloader and the PC will be
able to communicate until the application loaded changes the level of that
pin.
The AUX/!USB LED will be lit when the HOST port is selected and off when
the data is being routed to the USB serial bridge. There is a solder jumper
which can be adjusted to change the voltage on the VCC pins on the two
headers (and the IO voltage on the FT232RL chip) from 3.3V to 5V; if that
jumper is cleared completely, a supply on one of the two serial headers can
be used to power both devices and the VDDIO, should you need a voltage
other than 5V or 3.3V.
Connecting the SmartBasic
One of the common problems encountered when developing with a serial-
connected Bluetooth dongle is the inadequacy of the Arduino
SoftwareSerial library. Transmissions with software serial are resource
intensive, blocking the processor for the duration of the transmission. Long
receives easily overrun the buffer, and can throw off the internal clocks
used for millis() and micros().
Obviously, it’s desirable to use the hardware serial port, if possible, as it
bypasses most of these issues. However, connecting anything other than
an FTDI-type serial port to the hardware serial port header prevents it being
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com