Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13033 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13033
Description  SparkFun Blocks for Intel짰 Edison - 9 Degrees of Freedom Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13033 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13033 Datasheet HTML 1Page - SparkFun Electronics DEV-13033 Datasheet HTML 2Page - SparkFun Electronics DEV-13033 Datasheet HTML 3Page - SparkFun Electronics DEV-13033 Datasheet HTML 4Page - SparkFun Electronics DEV-13033 Datasheet HTML 5Page - SparkFun Electronics DEV-13033 Datasheet HTML 6Page - SparkFun Electronics DEV-13033 Datasheet HTML 7Page - SparkFun Electronics DEV-13033 Datasheet HTML 8Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
The 9DOF Block has a lot of jumpers on it, but you can use it without
understanding or changing any of them. Here’s a description of each one:
A (INT2) - Accelerometer/magnetometer interrupt 2. This pin can be
configured to change on a number of different conditions. See datasheet pp
58 and 65-67 for more details on configuring the device. Closing this jumper
with a solder blob connects the INT2 pin on the LSM9DS0 to GPIO 49 on
the Edison.
B (INT1) - Accelerometer/magnetometer interrupt 1. This pin can be
configured to change on a number of different conditions. See datasheet pp
58 and 63-65 for more details on configuring the device. Closing this jumper
with a solder blob connects the INT2 pin on the LSM9DS0 to GPIO 48 on
the Edison.
C (DRDYG) - Data Ready, gyroscope. Closing this jumper connects the pin
to GPIO 47. See datasheet page 43 for information on configuring this pin.
D (INTG) - Gyroscope interrupt. This pin can be configured to change on a
number of different conditions. Closing this jumper will connect the pin to
GPIO 46. See datasheet pages 43 and 47-50 for information on configuring
this pin.
E (DEN) - Data enable, gyroscope. Enable or !pause data collection. This
pin can safely be ignored. Closing this jumper allows processor control of
data collection via GPIO 165.
F (CLOCK/DATA) - I/O interface selection jumpers. Default setting is to
I C1 but cutting the small trace visible between the two upper pads of each
jumper and closing the bottom two pads with a solder blob allow the user to
route control to SPIDEV2. SPI is currently an unsupported feature and
will likely be removed from a future revision.
G (CSG) - SPI chip select, gyroscope. Closing this jumper connects the
signal to GPIO 111 on the Edison, which is FS0 on SPIDEV2. The CS pin
can be either handled manually or by the driver. SPI is currently an
unsupported feature and will likely be removed from a future revision.
H (CSXM) - SPI chip select, accelerometer/magnetometer. Closing this
jumper connects the signal to GPIO 110 on the Edison, which is FS1 on
SPIDEV2. The CS pin can be either handled manually or by the driver. SPI
is currently an unsupported feature and will likely be removed from a
future revision.
I (SDOG) - SPI serial data out (MISO), gyroscope. SPI is currently an
unsupported feature and will likely be removed from a future revision.
J (SDOXM) - Serial data out (MISO), accelerometer/magnetometer. SPI is
currently an unsupported feature and will likely be removed from a
future revision.
2
Page 2 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com