Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13036 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13036
Description  SparkFun Blocks for Intel짰 Edison - Arduino Block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13036 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13036 Datasheet HTML 1Page - SparkFun Electronics DEV-13036 Datasheet HTML 2Page - SparkFun Electronics DEV-13036 Datasheet HTML 3Page - SparkFun Electronics DEV-13036 Datasheet HTML 4Page - SparkFun Electronics DEV-13036 Datasheet HTML 5Page - SparkFun Electronics DEV-13036 Datasheet HTML 6Page - SparkFun Electronics DEV-13036 Datasheet HTML 7Page - SparkFun Electronics DEV-13036 Datasheet HTML 8Page - SparkFun Electronics DEV-13036 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
• Expansion Header – The 70-pin Expansion header breaks out the
functionality of the Intel Edison. This header also passes signals and
power throughout the stack. These function much like an Arduino
Shield.
• Arduino I/O Pins – All of the Arduino’s I/O pins are broken out to a
pair of headers (plus a couple in between). This header footprint
exactly matches that of the Arduino Pro Mini – if you have any Mini
shields they should mate exactly to this header.
• Arduino Programming Header – The standard 6-pin FTDI header is
used to program the Arduino’s serial bootloader. Plug a 3.3V FTDI
Basic in to program your Arduino.
• D13 LED – Every good Arduino needs an LED! This small, green
LED is tied to the Arduino’s pin 13. Great for blinking “Hello, world” or
debugging.
• Power LED – The Arduino block has an on-board 3.3V regulator,
and this LED is tied to the output of that regulator.
• Arduino Reset Button – This reset button is tied to the Arduino’s
reset line. It will only reset the Arduino; it has no effect on the Edison.
Schematic Overview
The Arduino block pairs the ATmega328 to your Edison via one of two
UARTs. The board defaults to connecting the Arduino to Edison via
UART1. Jumpers (see more below) allow you to select UART2, if your
application requires. Take care using UART2, though, it’s default utility is
for console access to the Edison.
The Arduino Block has an on-board 3.3V voltage regulator, which takes its
input from the Edison’s VSYS bus. Since the Arduino is running at 3.3V, its
clock speed is limited to 8MHz.
If you want to take a closer look at the schematic, download the PDF here.
Jumpers
On the back-side of the Arduino block, there are a handful of jumpers,
which lend extra utility to the board.
Three two-way jumpers – for RX, TX, and DTR – allow you to select
between UART1 (default) and UART2. To switch these jumpers, grab a
hobby knife, cut the default traces, and drop a solder blob between the
middle pad and outer pad of your choice.
Page 2 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com