Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3067V Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3067V
Description  Enhanced' Serial Interface CMOS CODEC/Filter COMBO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3067V Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button TP3067V Datasheet HTML 2Page - National Semiconductor (TI) TP3067V Datasheet HTML 3Page - National Semiconductor (TI) TP3067V Datasheet HTML 4Page - National Semiconductor (TI) TP3067V Datasheet HTML 5Page - National Semiconductor (TI) TP3067V Datasheet HTML 6Page - National Semiconductor (TI) TP3067V Datasheet HTML 7Page - National Semiconductor (TI) TP3067V Datasheet HTML 8Page - National Semiconductor (TI) TP3067V Datasheet HTML 9Page - National Semiconductor (TI) TP3067V Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC ea50Vg5% VBB eb50Vg5% TA e
0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other limits are assured by correlation with other
production tests andor product design and characterization All signals referenced to GNDA Typicals specified at VCC e
a
50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ANALOG INTERFACE WITH TRANSMIT INPUT AMPLIFIER (ALL DEVICES)
IIXA
Input Leakage Current
b
25VsVsa25V VFXIa or VFXIb
b
200
200
nA
RIXA
Input Resistance
b
25VsVsa25V VFXIa or VFXIb
10
MX
ROXA
Output Resistance
Closed Loop Unity Gain
1
3
X
RLXA
Load Resistance
GSX
10
kX
CLXA
Load Capacitance
GSX
50
pF
VOXA
Output Dynamic Range
GSX RLt10 kX
b
28
a
28
V
AVXA
Voltage Gain
VFXIa to GSX
5000
VV
FUXA
Unity-Gain Bandwidth
1
2
MHz
VOSXA
Offset Voltage
b
20
20
mV
VCMXA
Common-Mode Voltage
CMRRXA l 60 dB
b
25
25
V
CMRRXA
Common-Mode Rejection Ratio
DC Test
60
dB
PSRRXA
Power Supply Rejection Ratio
DC Test
60
dB
ANALOG INTERFACE WITH RECEIVE FILTER (ALL DEVICES)
RORF
Output Resistance
Pin VFRO1
3
X
RLRF
Load Resistance
VFROe g25V
10
kX
CLRF
Load Capacitance
Connect from VFRO to GNDA
25
pF
VOSRO
Output DC Offset Voltage
Measure from VFRO to GNDA
b
200
200
mV
ANALOG INTERFACE WITH POWER AMPLIFIERS (ALL DEVICES)
IPI
Input Leakage Current
b
10VsVPIs10V
b
100
100
nA
RIPI
Input Resistance
b
10VsVPIs10V
10
MX
VIOS
Input Offset Voltage
b
25
25
mV
ROP
Output Resistance
Inverting Unity-Gain at
1
X
VPOa or VPOb
FC
Unity-Gain Bandwidth
Open Loop (VPOb)
400
kHz
CLP
Load Capacitance
100
pF
GAPa
Gain from VPOb to VPOa
RLe600X VPOa to VPOb
b
1
VV
Level at VPObe177 Vrms
PSRRP
Power Supply Rejection of
VPOb Connected to VPI
VCC or VBB
0 kHzb4 kHz
60
dB
4 kHzb50 kHz
36
dB
RLP
Load Resistance
Connect from VPOa to VPOb
600
X
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com