Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13042 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13042
Description  SparkFun Blocks for Intel짰 Edison - PWM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13042 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13042 Datasheet HTML 1Page - SparkFun Electronics DEV-13042 Datasheet HTML 2Page - SparkFun Electronics DEV-13042 Datasheet HTML 3Page - SparkFun Electronics DEV-13042 Datasheet HTML 4Page - SparkFun Electronics DEV-13042 Datasheet HTML 5Page - SparkFun Electronics DEV-13042 Datasheet HTML 6Page - SparkFun Electronics DEV-13042 Datasheet HTML 7Page - SparkFun Electronics DEV-13042 Datasheet HTML 8Page - SparkFun Electronics DEV-13042 Datasheet HTML 9Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1. PWM outputs - Each PWM channel has a three-pin, 0.1" spaced
header footprint. The output order is appropriate for most servo
motors. All you need to do is add male header pins, and you can
connect servos directly to the block. The VIN pin is, by default,
floating. Before you can drive a servo, you’ll need to provide power
to that rail.
2. Auxiliary Power Input - These pads are provided to allow you to
connect an external power supply to the PWM channels. This allows
you to use a higher voltage, higher current supply (for instance, a
7.2V 2S LiPo cell) to power the devices connected to the PWM
outputs without risking damage to the Edison.
3. VSYS->VIN jumper - If you don’t need the extra oomph of an
external power supply (because you’re driving small LEDs or a small
servo, perhaps), you can bridge this jumper with a solder blob to
draw power from the Edison VSYS rail. When running from USB, you
can expect that rail to be approximately 4.0V.
4. Address jumpers - These jumpers allow you to set the address the
PCA9685 PWM chip on this board will use. Each jumper corresponds
to a single address bit; closing a jumper makes that bit a ‘1’. The
default address is 0x40. Thus, closing A0 would make the address
0x41, A1 makes it 0x42, A0 and A1 make it 0x43, and so on.
The “back” of the board is far more boring, with no jumpers or components
to mention. This is the side that the Edison module will mate with, so you
will be able to change jumpers without detaching the Edison.
Using the PWM Block
To use the PWM Block, simply attach an Intel Edison to the back of the
board, or add it to your current stack. Blocks can be stacked without
hardware, but it leaves the expansion connectors unprotected from
mechanical stress.
Page 2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com