Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13262 Datasheet(PDF) 4 Page - SparkFun Electronics

Part # DEV-13262
Description  CAN-Bus Shield Hookup Guide
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13262 Datasheet(HTML) 4 Page - SparkFun Electronics

  DEV-13262 Datasheet HTML 1Page - SparkFun Electronics DEV-13262 Datasheet HTML 2Page - SparkFun Electronics DEV-13262 Datasheet HTML 3Page - SparkFun Electronics DEV-13262 Datasheet HTML 4Page - SparkFun Electronics DEV-13262 Datasheet HTML 5Page - SparkFun Electronics DEV-13262 Datasheet HTML 6Page - SparkFun Electronics DEV-13262 Datasheet HTML 7Page - SparkFun Electronics DEV-13262 Datasheet HTML 8Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAN-L
Pin 2
Pin 5
SJ6
GND
Pin 3
Pin 2
SJ5
7. CAN Pins
4 CAN lines are broken out to allow you direct access to the raw CAN data
coming off of the DB9 connector. These pins are:
•5V
•GND
• CAN H (CAN HIGH)
• CAN L (CAN LOW)
Again, this data is raw coming off of the CAN-Bus. It has not been filtered
through the MCP2515 or the MCP2551 ICs.
Communication Methods
Because of all of the different hardware features on the shield, there are a
couple different communication methods used.
• SPI - The MCP2515 IC and the microSD slot both communicate with
the Arduino via the SPI lines. The CAN Chip Select line is located
on D10 . The SD Chip Select line is connected to D9 .
• Analog In - The joystick is connected to pins A1-A5 on the Arduino.
Each direction of the joystick has its own analog input.
• Software Serial/UART - The LCD and GPS both communicate over
serial lines with the Arduino. The LCD’s RX line connects to D6 . The
GPS either connects via Software Serial to D4 and D5 , or to the
UART port on D0 and D1 .
Hardware Hookup
Solder Connectors
To get your CAN-Bus shield hooked up, solder on the Arduino Stackable
Headers.
You can use the RedBoard to hold the headers in place while soldering
them to the shield.
Once those are soldered, consider how you want to connect your LCD
screen. You can use either male or female headers with 0.1" spacing, or
the JST connector. Solder your interface choice onto the shield at this time
as well.
Page 4 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com