Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13327 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13327
Description  SparkFun Blocks for Intel짰 Edison - ADC V20
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13327 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13327 Datasheet HTML 1Page - SparkFun Electronics DEV-13327 Datasheet HTML 2Page - SparkFun Electronics DEV-13327 Datasheet HTML 3Page - SparkFun Electronics DEV-13327 Datasheet HTML 4Page - SparkFun Electronics DEV-13327 Datasheet HTML 5Page - SparkFun Electronics DEV-13327 Datasheet HTML 6Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ADC Block Functional Diagram
• Signal Inputs - Four single inputs are available. The reference
voltage for each is produced internal to the ADC under software
control; do not exceed 3.3V input to these pins!
• Differential Channel Setting Table - Use two inputs to create a
differential pair. Useful for eliminating noise in some sensors or
measuring very small signals. This table shows the channel options
for the “getDiffResult(channel)” function.
• I2C Address Select - Apply solder to only one of the four jumpers to
select the address. Do not short two of these at once. Bad stuff will
happen.
• I2C Bus Select - Change both of these jumpers to select between
routing the I C signals to bus 6 or bus 1. Bus 1 is the default (and
preferred) channel, as it has no other system devices on it. Bus 6 is
shared with some internal devices, but if you wish to use this block
with the Arduino IDE, you’ll want to change these jumpers so the
solder blobs connect the bottom pad with the center pad.
• 3.3V 150mA Supply - This supply provides an on-board reference for
the ADC, and can power small sensors (for example, potentiometers
or temperature sensors).
Using the ADC Block
To use the ADC Block simply attach an Intel Edison to the back of the
board or add it to your current stack. Blocks can be stacked without
hardware but it leaves the expansion connectors unprotected from
mechanical stress.
ADC Block Installed
We have a nice Hardware Pack available that gives enough hardware to
secure three blocks and an Edison.
2
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com