Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDMP-2D Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASDMP-2D
Description  VOLTAGE CONTROLLED TEMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDMP-2D Datasheet(HTML) 1 Page - Abracon Corporation

  ASDMP-2D Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.026
0.65
0.03
0.65
0.015
0.375
0.098 ±0.002
2.50 ±0.05
4
5
6
1
2
3
0.026 ±0.00
0.65 ±0
0.010 ±0.005
0.25 ±0.13
0.032
0.825
4
5
6
1
3
2
Recommended Land Pattern FOR LVPECL,LVDS,HCSL
NOTE: Recommended using approximately
0.01uf bypass capacitor between PIN 6 and 3
Via to Power Layer
Via to GND
Layer
Recommended Land Pattern FOR CMOS
Via to Power Layer
Via to GND Layer
4
3
1
2
6
1
2
5
3
4
Pin
Function
1
Tri-state
2
NC
3
GND
4
Output
5
NC (CMOS) Output
(LVPECL, LVDS, HCSL)
6
Vdd
-
ASDMP
XXXXXX
XXXXXX
WEIGHT:
A3
SHEET 1 OF 1
SCALE:10:1
DWG NO.
TITLE:
REVISION
DO NOT SCALE DRAWING
MATERIAL:
DATE
SIGNATURE
NAME
DEBUR AND
BREAK SHARP
EDGES
FINISH:
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCH(MM)
SURFACE FINISH:
TOLERANCES:
LINEAR:
ANGULAR:
Q.A
MFG
APPV'D
CHK'D
DRAWN
30332 Esperanza, Rancho Santa margarita, California 92688
VOLTAGE CONTROLLED TEMP. COMPENSATED
SMD CRYSTAL OSCILLATOR


Similar Part No. - ASDMP-2D

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASDMP ABRACON-ASDMP Datasheet
3Mb / 6P
Standby or Disable Tri-state function
08.19.15
ASDMPA ABRACON-ASDMPA Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASDMPAC-14.3181MHZ-LJ-PD ABRACON-ASDMPAC-14.3181MHZ-LJ-PD Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASDMPAC-14.3181MHZ-LR-PD ABRACON-ASDMPAC-14.3181MHZ-LR-PD Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASDMPAC-14.3181MHZ-VJ-PD ABRACON-ASDMPAC-14.3181MHZ-VJ-PD Datasheet
886Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
More results

Similar Description - ASDMP-2D

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0575A ZCOMM-CLV0575A Datasheet
72Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0700E-LF ZCOMM-CLV0700E-LF Datasheet
69Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0769E-LF ZCOMM-CLV0769E-LF Datasheet
70Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0872A-LF ZCOMM-CLV0872A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
List of Unclassifed Man...
ACTOCXO14 ETC2-ACTOCXO14 Datasheet
93Kb / 1P
VOLTAGE CONTROLLED
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
API Technologies Corp
TOM9318 APITECH-TOM9318 Datasheet
50Kb / 1P
VOLTAGE CONTROLLED
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com