Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE3SERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASE3SERIES
Description  Compact and low in height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE3SERIES Datasheet(HTML) 1 Page - Abracon Corporation

  ASE3SERIES Datasheet HTML 1Page - Abracon Corporation ASE3SERIES Datasheet HTML 2Page - Abracon Corporation ASE3SERIES Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASE3 SERIES
• CCD clock for VTR camera
• Equipment connected to
PC or PC cards
• Laptop
• Compact and low in height
• Tri state
• Low supply voltage
• Suita ble for high density SMT
Revised: 03.05.14
3.2 x 2.5 x 1.20 mm
• IR reflow capable
• Tight stability option available
• Seam sealed package
1.8V CMOS Compatible SMD Crystal Oscillator
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Visit www.abracon.com for Terms & Conditions of Sale
• Mobile communication
• Bluetooth
• Wireless LAN
• Flat TV
Moisture Sensitivity Level (MSL) –1
Pb RoHS/RoHS II compliant
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
3
3
1
5
2
6
.
0
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Operating Temperature:
-10
+70
°C
See options
C
°
5
2
1
+
5
5
-
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability:
-100
+100
ppm
See options
Supply Voltage (Vdd):
+1.71
+1.80
+1.89
V
Supply Current (Idd):
1
4
mA
0.625~9.999MHz
2
4
mA
10.000~29.999MHz
3
6
mA
30.000~59.999MHz
5
10
mA
60.000~74.999MHz
7
15
mA
75.000~99.999MHz
12
20
mA
100.000~125.000MHz
Start-up time:
3
5
ms
0.625~9.999MHz
3
5
ms
10.000~29.999MHz
3
5
ms
30.000~59.999MHz
4
10
ms
60.000~74.999MHz
4
10
ms
75.000~99.999MHz
4
10
ms
100.000~125.000MHz
Tr/Tf:
5
10
ns
0.625~9.999MHz
3
6
ns
10.000~29.999MHz
3
6
ns
30.000~59.999MHz
2
5
ns
60.000~74.999MHz
2
5
ns
75.000~99.999MHz
2
5
ns
100.000~125.000MHz
Symmetry @ 1/2Vdd:
45
55
%
0.625 ~ 89.999 MHz
40
60
90 ~ 125.0 MHz
Tristate function:
"1" (VIH ≥ 0.7*Vdd) or open: Oscillation
"0" (VIL < 0.3*Vdd) : Hi Z
F
p
5
1
:
d
a
o
L
t
u
p
t
u
O
Output Level
0.9 * Vdd
Vp-p
VOH
0.1 * Vdd
Vp-p
VOL
A
u
0
1
:t
n
e
r
r
u
C
y
b
-
d
n
a
t
S
s
p
5
3
:)
S
M
R
(
r
e
tt
i
J
d
o
ir
e
P
C
°
5
2
+
@
m
p
p
3
+
3
-
:)
r
a
e
y
t
s
ri
f
(
g
n
i
g
A


Similar Part No. - ASE3SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE3 ABRACON-ASE3 Datasheet
925Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASE3 ABRACON-ASE3 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
logo
Pentair plc. All rights...
ASE30X24X10NK PENTAIR-ASE30X24X10NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE30X24X12 PENTAIR-ASE30X24X12 Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE30X24X12NK PENTAIR-ASE30X24X12NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
More results

Similar Description - ASE3SERIES

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-20-23A-EN-TR ECS-ECS-160-20-23A-EN-TR Datasheet
203Kb / 1P
Compact and low profile
logo
Vincotech
10-FZ062TA040FB-P984D18 VINCOTECH-10-FZ062TA040FB-P984D18 Datasheet
2Mb / 20P
Compact and low inductance design
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
Compact and low inductance design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
Compact and low inductance design
30-P2126PA050NB-L287F69Y VINCOTECH-30-P2126PA050NB-L287F69Y Datasheet
926Kb / 16P
Compact and low inductive design
30-P2126PA075NB-L288F69Y VINCOTECH-30-P2126PA075NB-L288F69Y Datasheet
1Mb / 17P
Compact and low inductive design
V23990-P829-F10-PM VINCOTECH-V23990-P829-F10-PM Datasheet
1Mb / 16P
Compact and Low Inductance Design
logo
Abracon Corporation
APAE1590R2540AKDB1-T ABRACON-APAE1590R2540AKDB1-T Datasheet
2Mb / 3P
Compact Size and Low Profile
08.20.15
ASTX-H11 ABRACON-ASTX-H11 Datasheet
1Mb / 3P
Compact and low in height
05.13.15
ASTX-H12 ABRACON-ASTX-H12 Datasheet
1Mb / 3P
Compact and low in height
05.13.15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com