Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASG-P Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASG-P
Description  Phase Locked Loops
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASG-P Datasheet(HTML) 1 Page - Abracon Corporation

  ASG-P Datasheet HTML 1Page - Abracon Corporation ASG-P Datasheet HTML 2Page - Abracon Corporation ASG-P Datasheet HTML 3Page - Abracon Corporation ASG-P Datasheet HTML 4Page - Abracon Corporation ASG-P Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
|||| | | | | | | | | | | |
ASG-P Series
FEATURES:
APPLICATIONS:
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.27.12
Visit
www.abracon.comfor Terms & Conditions of Sale
Programmable - High Performance SMD XO & VCXO
7.0 x 5.0 x 1.9mm
STANDARD SPECIFICATIONS:
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
• ASG series is a High Performance crystal based oscillator; available
either as an XO or a VCXO
• Frequency range from 10MHz to 250MHz with LVCMOS output
• Available from 10MHz to 1.50GHz with LVDS or LVPECL output
• Offered with either 2.50V or 3.30V bias voltage
• Quick turn, 1~5 business days for small quantity orders
• Networking, SONET/SDH
• WiMax / WLAN
• Computing
• Phase Locked Loops
• Direct Digital Synthesis (DDS)
• DSL/ADSL
• Base Terminal Stations
Moisture Sensitivity Level (MSL) - This product is Hermetically Sealed and not
Moisture Sensitive; therefore MSL = N/A (Not Applicable)
Note #1: Inclusive of initial tolerance at 25ºC±3ºC, operating temperature range, input voltage variation, load variation & aging.
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range:
Vdd = 3.3V
10
1500
MHz
Vdd = 2.5V
10
1500
MHz
Operating Temperature:
-40
+85
°C
Storage Temperature:
-55
+125
°C
Overall Frequency Stability:
-50
+50
ppm
See Note # 1
Initial Set Tolerance
-5.00
< ±1.00
+5.00
ppm
Stability over operating temperature
-35.00
< ±20.00
+35.00
ppm
Aging @ 25ºC over 10-years
-7.00
+7.00
ppm
Frequency variation over supply
voltage change (±5%)
-2.00
+2.00
ppm
Frequency variation over load
variation (15pF ± 5%)
-1.00
+1.00
ppm
Supply Voltage (Vdd):
Vdd = 3.3V
3.135
3.300
3.465
V
Vdd = 2.5V
2.375
2.500
2.625
V
Input Current:
Vdd = 3.3V
< 54
60
mA
Frequency dependent
Vdd = 2.5V
< 50
60
mA
Frequency dependent
LVPECL Output
(Out &
Out ):
Output High Voltage
VOH
Vdd - 1.03
Vdd - 0.60
V
VOH
Output Low Voltage
VOL
Vdd - 1.85
Vdd - 1.60
V
VOL
Differential Duty
Cycle
45
48/52
55
%
DODCLVPECL
Rise Time
150
350
ps
tR
Fall Time
150
350
ps
tF
Start-up Time:
< 2.0
3.0
ms
Enable/Disable Function :
"1" (VIH ≥ 0.7*Vdd) or Open: Oscillation
"0" (VIL < 0.3*Vdd) : High Z
Vcontrol Range
0.00
Vdd
Volts
For VCXO
Frequency Pull
±50
ppm
Control Port Bandwidth
10
kHz
Integer
Mode
< 0.60
1.60
ps
12kHz to 20MHz
Phase jitter RMS
[ tjit( ) ]
See Note #2
Fractional
Mode
< 0.90
1.60
ps
12kHz to 20MHz
Note #2: The rms jitter over 12kHz to 20MHz Bandwidth is dependent on the carrier and whether or not the final frequency is achieved without
engaging the Fractional Mode


Similar Part No. - ASG-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG-101 ETC-ASG-101 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
logo
Super Micro Computer, I...
ASG-1014S-ACR12N4H SUPERMICRO-ASG-1014S-ACR12N4H Datasheet
552Kb / 2P
MegaDC A Server ASG-1014S-ACR12N4H
ASG-1115S-NE316R SUPERMICRO-ASG-1115S-NE316R Datasheet
481Kb / 2P
Storage A Server ASG-1115S-NE316R
ASG-1115S-NE3X12R SUPERMICRO-ASG-1115S-NE3X12R Datasheet
479Kb / 2P
Storage A Server ASG-1115S-NE3X12R
ASG-2015S-E1CR24H SUPERMICRO-ASG-2015S-E1CR24H Datasheet
606Kb / 3P
Storage A Server ASG-2015S-E1CR24H
More results

Similar Description - ASG-P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611231 SPECTRUM-611231 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611233 SPECTRUM-611233 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
logo
Analog Devices
MT-086 AD-MT-086 Datasheet
413Kb / 10P
Fundamentals of Phase Locked Loops (PLLs)
Rev.0, 10/08, WK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com