Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTW67 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTW67
Description  50A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW67 Datasheet(HTML) 2 Page - STMicroelectronics

  BTW67 Datasheet HTML 1Page - STMicroelectronics BTW67 Datasheet HTML 2Page - STMicroelectronics BTW67 Datasheet HTML 3Page - STMicroelectronics BTW67 Datasheet HTML 4Page - STMicroelectronics BTW67 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BTW67 and BTW69 Series
2/5
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
THERMAL RESISTANCES
PRODUCT SELECTOR
ORDERING INFORMATION
OTHER INFORMATION
Note:xxx = voltage
Symbol
Test Conditions
Value
Unit
IGT
VD =12 V
RL =33 Ω
MIN.
8
mA
MAX.
80
VGT
MAX.
1.3
V
VGD
VD =VDRM RL =3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT =500 mA
Gate open
MAX.
150
mA
IL
IG =1.2 IGT
MAX.
200
mA
dV/dt
VD =67 % VDRM Gate open
Tj = 125°C
MIN.
1000
V/µs
VTM
ITM =100 A
tp= 380µs
Tj = 25°C
MAX.
1.9
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
1.0
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
8.5
m
IDRM
IRRM
VDRM =VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
5
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
RD91 (Insulated)
1.0
°C/W
TOP3 Insulated
0.9
Rth(j-a)
Junction to ambient
TOP3 Insulated
50
°C/W
Part Number
Voltage (xxx)
Sensitivity
Package
600 V
800 V
1200 V
BTW67-xxx
X
X
X
80 mA
RD91
BTW69-xxx
X
X
X
80 mA
TOP3 Ins.
Part Number
Marking
Weight
Base Quantity
Packing mode
BTW67-xxx
BTW67xxx
20.0 g
25
Bulk
BTW69-xxx
BTW69xxx
4.5 g
120
Bulk



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com