Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST3TQ Datasheet(PDF) 2 Page - Abracon Corporation

Part # AST3TQ
Description  Standard LVCMOS Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AST3TQ Datasheet(HTML) 2 Page - Abracon Corporation

  AST3TQ Datasheet HTML 1Page - Abracon Corporation AST3TQ Datasheet HTML 2Page - Abracon Corporation AST3TQ Datasheet HTML 3Page - Abracon Corporation AST3TQ Datasheet HTML 4Page - Abracon Corporation AST3TQ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTIONS & PART IDENTIFICATION:
AST3TQ
Precision SMD TCXO
7.0 x 5.0 x 1.9mm
Pb RoHS/RoHS II Compliant
FREQUENCY STABILITY VS. TEMPERATURE
AST3TQ -
MHz - -
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 19.200MHz
Freq. Stability vs. Operating Temp.
1: ±100ppb over -40 to +85°C
2: ±280ppb over -50 to +90°C *
5: ±500ppb over -55 to +95°C **
Packaging
Blank: Bulk
T: 500pcs/reel
T2: 2000pcs/reel
(left blank if standard)
AST3TQ Series
Precision SMD TCXO
Date of Issue: Dec 4th, 2013
7.0 x 5.0 x 1.9mm
ESD Sensitive
Page (4) of (12)
Abracon Drawing # 453795
Revision #: Initial Release
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
REVISED: 01.05.2017
LLC
* Note 1: For 10.000MHz carrier, frequency stability of
±280ppb is only guaranteed over -45°C to +90°C operating
temperature range.
**Note 2: For 10.000MHz carrier, option “5” is not available.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com