Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMUPLP Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASTMUPLP
Description  Harsh environment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMUPLP Datasheet(HTML) 2 Page - Abracon Corporation

  ASTMUPLP Datasheet HTML 1Page - Abracon Corporation ASTMUPLP Datasheet HTML 2Page - Abracon Corporation ASTMUPLP Datasheet HTML 3Page - Abracon Corporation ASTMUPLP Datasheet HTML 4Page - Abracon Corporation ASTMUPLP Datasheet HTML 5Page - Abracon Corporation ASTMUPLP Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.22.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Standard Frequencies
Absolute Maximum Ratings
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part. Actual
performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Thermal Consideration
Parameters
Min.
Max.
Unit
0
5
1
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
°C
VDD
V
4
5
.
0
-
Electrostatic Discharge (HBM)
2000
V
Soldering Temperature
(follow standard Pb free soldering guidelines)
260
°C
Package
θJA, 4 Layer Board
(°C/W)
θJC, Bottom
(°C/W)
7.0 x 5.0mm, 6-pin
142
27
5.0 x 3.2mm, 6-pin
97
20
3.2 x 2.5mm, 6-pin
109
20
ASTMUPLP
High Performance, Programmable LVPECL SMD MEMS Oscillator
ASTMUPLP
3.2 x 2.5 x 0.75mm;
5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
Standard Frequency (MHz)
25.000000
50.000000
74.175824
74.250000
75.000000
98.304000 100.000000 106.250000
125.000000 133.000000 133.300000 133.330000 133.333000 133.333300 133.333330 133.333333
148.351648 148.500000 150.000000 155.520000 156.250000 161.132800 166.000000 166.600000
166.660000 166.666000 166.666600 166.666660 166.666666 200.000000 212.500000
(Continued)
Parameters
Min
Typ
Max
Unit
Notes
Output High Voltage (VOH)
Vdd – 1.1
Vdd – 0.7
V
Output Low Voltage (VOL)
Vdd – 1.9
Vdd – 1.5
V
Output Differential Voltage Swing
( VSwing)
1.2
1.6
2.0
V
Rise/Fall Time ( Tr /Tf)
300
700
ps
20%-80%, Freq. = 1MHz~220MHz
300
500
20%-80%, Freq. = 220MHz~625MHz
OE Enable/Disable Time (Toe)
115
ns
F=212.5MHz, 220MHz. For other
frequencies, Toe=100ns+3*cycles
RMS Period Jitter ( Tjitt)
1.2
1.7
ps
F=100MHz, 156.25MHz, 212.5MHz,
Vdd=2.5V or 3.3V
1.2
1.7
F=266MHz, 312.5MHz, 622.08MHz,
Vdd=2.5V or 3.3V
RMS Phase Jitter (random) ( Tphj)
0.6
0.85
ps
F=156.25MHz, 312.5MHz, integration
bandwidth=12kHz to 20MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com