Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV42EB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV42EB
Description  Rectifier diodes ultrafast, rugged
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV42EB Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV42EB Datasheet HTML 1Page - NXP Semiconductors BYV42EB Datasheet HTML 2Page - NXP Semiconductors BYV42EB Datasheet HTML 3Page - NXP Semiconductors BYV42EB Datasheet HTML 4Page - NXP Semiconductors BYV42EB Datasheet HTML 5Page - NXP Semiconductors BYV42EB Datasheet HTML 6Page - NXP Semiconductors BYV42EB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV42E, BYV42EB series
ultrafast, rugged
Fig.1. Definition of t
rr1, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Circuit schematic for t
rr2
Fig.4. Definition of t
rr2
Fig.5. Maximum forward dissipation P
F = f(IF(AV)) per
diode; square current waveform where
I
F(AV) =IF(RMS) x √D.
Fig.6. Maximum forward dissipation P
F = f(IF(AV)) per
diode; sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
I = 1A
R
rec
I
= 0.25A
0A
trr2
0.5A
IF
IR
time
time
V F
V
fr
V F
I
F
0
5
10
15
20
25
0
5
10
15
20
0.5
0.2
0.1
BYV42
IF(AV) / A
PF / W
D = 1.0
Tmb(max) / C
150
138
126
114
102
Vo = 0.705 V
Rs = 0.0097 Ohms
D =
tp
tp
T
T
t
I
shunt
Current
to ’scope
D.U.T.
Voltage Pulse Source
R
0
5
10
15
0
5
10
15
1.9
2.2
2.8
4
BYV42
IF(AV) / A
PF / W
Tmb(max) / C
150
138
126
114
a = 1.57
Vo = 0.705 V
Rs = 0.0097 Ohms
July 1998
3
Rev 1.200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com