Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV850 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCV850
Description  2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV850 Datasheet(HTML) 1 Page - Texas Instruments

  CDCV850 Datasheet HTML 1Page - Texas Instruments CDCV850 Datasheet HTML 2Page - Texas Instruments CDCV850 Datasheet HTML 3Page - Texas Instruments CDCV850 Datasheet HTML 4Page - Texas Instruments CDCV850 Datasheet HTML 5Page - Texas Instruments CDCV850 Datasheet HTML 6Page - Texas Instruments CDCV850 Datasheet HTML 7Page - Texas Instruments CDCV850 Datasheet HTML 8Page - Texas Instruments CDCV850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDCV850, CDCV850I
2.5V PHASE LOCK LOOP CLOCK DRIVER
WITH 2LINE SERIAL INTERFACE
SCAS647B − OCTOBER 2000 − REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Phase-Lock Loop Clock Driver for Double
Data-Rate Synchronous DRAM
Applications
D Spread Spectrum Clock Compatible
D Operating Frequency: 60 to 140 MHz
D Low Jitter (cyc−cyc): ±75 ps
D Distributes One Differential Clock Input to
Ten Differential Outputs
D Two-Line Serial Interface Provides Output
Enable and Functional Control
D Outputs Are Put Into a High-Impedance
State When the Input Differential Clocks
Are <20 MHz
D 48-Pin TSSOP Package
D Consumes <250-µA Quiescent Current
D External Feedback Pins (FBIN, FBIN) Are
Used to Synchronize the Outputs to the
Input Clocks
description
The CDCV850 is a high-performance, low-skew,
low-jitter zero delay buffer that distributes a
differential clock input pair (CLK, CLK) to ten
differential pairs of clock outputs (Y[0:9], Y[0:9])
and one differential pair of feedback clock outputs
(FBOUT, FBOUT). The clock outputs are con-
trolled by the clock inputs (CLK, CLK), the feedback clocks (FBIN, FBIN), the 2-line serial interface (SDATA,
SCLK), and the analog power input (AVDD). A two-line serial interface can put the individual output clock pairs
in a high-impedance state. When the AVDD terminal is tied to GND, the PLL is turned off and bypassed for test
purposes.
The device provides a standard mode (100 Kbits/s) 2-line serial interface for device control. The implementation
is as a slave/receiver. The device address is specified in the 2-line serial device address table. Both of the 2-line
serial inputs (SDATA and SCLK) provide integrated pullup resistors (typically 100 k
Ω).
Two 8-bit, 2-line serial registers provide individual enable control for each output pair. All outputs default to
enabled at powerup. Each output pair can be placed in a high-impedance mode, when a low-level control bit
is written to the control register. The registers must be accessed in sequential order (i.e., random access of the
registers not supported). The serial interface circuit can be supplied with either 2.5 V or 3.3 V (at VDDI) in
applications where this programming option is not required (after power up, all output pairs will then be enabled).
When the input frequency falls below a suggested detection frequency that is below 20 MHz (typically 10 MHz),
the output pairs are put into a high-impedance condition, the PLL is shut down, and the device will enter a low
power mode. The CDCV850 is also able to track spread spectrum clocking for reduced EMI.
Since the CDCV850 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the PLL.
This stabilization time is required following power up, as well as changes to various 2-line serial registers that
affect the PLL. The CDCV850 is characterized for both commercial and industrial temperature ranges.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
GND
Y0
Y0
VDDQ
Y1
Y1
GND
GND
Y2
Y2
VDDQ
SCLK
CLK
CLK
VDDI
AVDD
AGND
GND
Y3
Y3
VDDQ
Y4
Y4
GND
GND
Y5
Y5
VDDQ
Y6
Y6
GND
GND
Y7
Y7
VDDQ
SDATA
FBIN
FBIN
VDDQ
FBOUT
FBOUT
GND
Y8
Y8
VDDQ
Y9
Y9
GND
DGG PACKAGE
(TOP VIEW)


Similar Part No. - CDCV850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV850 TI1-CDCV850 Datasheet
805Kb / 20P
2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
CDCV850DGG TI1-CDCV850DGG Datasheet
805Kb / 20P
2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
CDCV850DGGG4 TI1-CDCV850DGGG4 Datasheet
805Kb / 20P
2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
CDCV850DGGR TI1-CDCV850DGGR Datasheet
805Kb / 20P
2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
CDCV850DGGRG4 TI1-CDCV850DGGRG4 Datasheet
805Kb / 20P
2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
More results

Similar Description - CDCV850

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
2.5-V Phase-lock Loop Clock Driver
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV850DGG TI1-CDCV850DGG Datasheet
805Kb / 20P
2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com