Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBN9602 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9602
Description  USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9602 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button USBN9602 Datasheet HTML 17Page - National Semiconductor (TI) USBN9602 Datasheet HTML 18Page - National Semiconductor (TI) USBN9602 Datasheet HTML 19Page - National Semiconductor (TI) USBN9602 Datasheet HTML 20Page - National Semiconductor (TI) USBN9602 Datasheet HTML 21Page - National Semiconductor (TI) USBN9602 Datasheet HTML 22Page - National Semiconductor (TI) USBN9602 Datasheet HTML 23Page - National Semiconductor (TI) USBN9602 Datasheet HTML 24Page - National Semiconductor (TI) USBN9602 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
10.0 Endpoint Operation (Continued)
21
www.national.com
10.4.1 RFxS
Receive FIFO x Size. This is the total number of bytes
available within the FIFO.
10.4.2 RXRP
Receive Read Pointer. This pointer is incremented every
time the firmware reads from the Receive FIFO. This
pointer wraps around to zero if RFxS is reached. RXRP is
never incremented beyond the value of RXWP.
If the attempt is made to read more bytes than are actual-
ly available (FIFO underrun), the last byte is read repeti-
tively. You should therefore check RCOUNT to obtain an
indication of the number of received bytes remaining.
10.4.3 RXWP
Receive Write Pointer. This pointer is incremented every
time the Endpoint controller writes to the Receive FIFO.
This pointer wraps around to zero if RFxS is reached.
A overrun condition occurs if RXRP equals RXWP and an
attempt is made to receive more bytes.
10.4.4 RxFL
Receive FIFO Level. This value indicates how many more
bytes can be received until an overrun condition occurs
with the next write to the FIFO.
A FIFO warning can be issued if RxFL decreases to a
specific value. The respective FWEV.RXWARNx bit is set
if RxFL is equal to or less than the number specified with
RXCx.RFWL.
10.4.5 RCOUNT
Receive FIFO Count. This value indicates how many
bytes are available to be read out of the Receive FIFO.
This value is accessible by the firmware via the RFSx
Register.
10.5 Programming Model
Figure 19 illustrates the register hierarchy. It shows the re-
lationship between the endpoint registers and event regis-
ters.
Figure 18. Rx FIFO Operation
0x0
+
RXRP
RXWP
RFL = RXRP - RXWP (= RFxS - RCOUNT)
Rx FIFO X
+
+
RFxS - 1
FLUSH (resets RXRP and RXWP)
RCOUNT = RXWP - RXRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com