Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1016N Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1016N
Description  4 Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1016N Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1016N Datasheet HTML 1Page - Clare, Inc. CPC1016N Datasheet HTML 2Page - Clare, Inc. CPC1016N Datasheet HTML 3Page - Clare, Inc. CPC1016N Datasheet HTML 4Page - Clare, Inc. CPC1016N Datasheet HTML 5Page - Clare, Inc. CPC1016N Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
CPC1016N
DS-CPC1016N-R1
CPC1016N is a miniature low voltage, low on resistance
1-Form-A solid state relay in a 4 pin SOP package. The relay
uses optically coupled MOSFET technology to provide 1500V of
input to output isolation. The efficient MOSFET switches and
photovoltaic die use Clare’s patented OptoMOS® architecture.
The optically-coupled input is controlled by a highly efficient
GaAIAs infrared LED. The CPC1016N uses Clare’s state of the
art double molded vertical construction packaging to produce
the world’s smallest relay. The CPC1016N is ideal for replacing
larger less reliable reed and electromechanical relays.
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment
Isolation
• Security Systems
• Aerospace
• Industrial Controls
• Reed Relay Replacement
• UL/C-UL Recognized Component
File #: E76270
• BSI Certified - Certificate #: 8416
• Small 4 Pin SOP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500V
RMS Input/Output Isolation
• FCC Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel Version Available
Applications
Features
Description
Approvals
4 Pin SOP OptoMOS® Relay
Ordering Information
Part #
Description
CPC1016N
4 Pin SOP (100/Tube)
CPC1016NTR 4 Pin SOP (2,000/Reel)
CPC1016N
Units
Load Voltage
100
V
Load Current
100
mA
Max R
ON
16
Ω
Pin Configuration
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
+ Control
Ð Control
Load
Load
CPC1016N Pinout


Similar Part No. - CPC1016N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1016N IXYS-CPC1016N Datasheet
167Kb / 6P
Single-Pole, Normally Open 4-Lead SOP OptoMOS Relay
logo
Clare, Inc.
CPC1016NTR CLARE-CPC1016NTR Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1016NTR CLARE-CPC1016NTR Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1016N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM5 CLARE-CM5 Datasheet
195Kb / 4P
4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com