Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AKILFT Datasheet(PDF) 17 Page - Integrated Device Technology

Part # 932SQL456AKILFT
Description  Low-Power CK420BQ Derivative for PCIe
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AKILFT Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 932SQL456AKILFT Datasheet HTML 13Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 14Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 15Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 16Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 17Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 18Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 19Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 20Page - Integrated Device Technology 932SQL456AKILFT Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
REVISION B 09/29/15
17
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
932SQL456 DATASHEET
Recommended Crystal Characteristics (3225 package)
Marking Diagrams
Notes:
1. “L” denotes Pb-free, RoHS compliant.
2. “LOT” denotes the lot number.
3. “YYWW” denotes the last two digits and week the part was assembled.
4. “COO” denotes the country of origin.
5. “A” denotes the device revision designator.
6. Bottom marking (TSSOP only): country of origin.
PARAMETER
VALUE
UNITS
NOTES
Frequency
25
MHz
1
Resonance Mode
Fundamental
-
1
Frequency Tolerance @ 25°C
±20
PPM Max
1
Frequency Stability, ref @ 25°C Over
Operating Temperature Range
±20
PPM Max
1
Temperature Range (commerical)
0~70
°C
1
Temperature Range (industrial)
-40~85
°C
2
Equivalent Series Resistance (ESR)
50
Ω Max
1
Shunt Capacitance (CO)7
pF Max
1
Load Capacitance (CL)8
pF Max
1
Drive Level
0.3
mW Max
1
Aging per year
±5
PPM Max
1
Notes:
1. IDT 603-25-150JA4C or 603-25-150JA4I
64TSSOP
ICS
LOT
YYWW
932SQL456AGL
64VFQFPN
ICS
932SQL456AL
LOT
COO YYWW
64TSSOP
ICS
LOT
YYWW
932SQL456AIL
64VFQFPN
ICS
32SQL456AIL
LOT
COO YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com