Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5531-AS Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5531-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5531-AS Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5531-AS Datasheet HTML 11Page - Cirrus Logic CS5531-AS Datasheet HTML 12Page - Cirrus Logic CS5531-AS Datasheet HTML 13Page - Cirrus Logic CS5531-AS Datasheet HTML 14Page - Cirrus Logic CS5531-AS Datasheet HTML 15Page - Cirrus Logic CS5531-AS Datasheet HTML 16Page - Cirrus Logic CS5531-AS Datasheet HTML 17Page - Cirrus Logic CS5531-AS Datasheet HTML 18Page - Cirrus Logic CS5531-AS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
CS5531/32/33/34
DS289PP5
15
-40°C to +85°C (MCLK=4.9152 MHz). The com-
mon-mode plus signal range of the instrumentation
amplifier is (VA-) + 0.7 V to (VA+) - 1.7 V.
Figure 4 illustrates the input models for the ampli-
fiers. The dynamic input current for each of the
pins can be determined from the models shown.
Note:
The C=2.5pF and C = 16pF capacitors are for
input current modeling only. For physical
input capacitance see ‘Input Capacitance’
specification under Analog Characteristics.
2.1.1. Analog Input Span
The full scale input signal that the converter can dig-
itize is a function of the gain setting and the refer-
ence voltage connected between the VREF+ and
VREF- pins. The full scale input span of the convert-
er is ((VREF+) - (VREF-))/(GxA), where G is the
gain of the amplifier and A is 2 for VRS = 0, or A is
1 for VRS = 1. VRS is the Voltage Reference Select
bit, and must be set according to the differential volt-
age applied to the VREF+ and VREF- pins on the
part. See section 2.3.5 for more details.
After reset, the unity gain buffer is engaged. With a
2.5V reference this would make the full scale input
range default to 2.5 V. By activating the instrumen-
tation amplifier (i.e. a gain setting other than 1) and
using a gain setting of 32, the full scale input range
can quickly be set to 2.5/32 or about 78 mV. Note
that these input ranges assume the calibration regis-
ters are set to their default values (i.e. Gain = 1.0 and
Offset = 0.0).
2.1.2. Multiplexed Settling Limitations
The settling performance of the CS5531/32/33/34
in multiplexed applications is affected by the sin-
gle-pole low-pass filter which follows the instru-
mentation amplifier (see Figure 3). To achieve data
sheet settling and linearity specifications, it is rec-
ommended that a 22 nF C0G capacitor be used. Ca-
pacitors as low as 10 nF or X7R type capacitors can
also be used with some minor increase in distortion
for AC signals.
2.1.3. Voltage Noise Density Performance
Figure 5 illustrates the measured voltage noise den-
sity versus frequency from 0.01 Hz to 10 Hz of a
CS5532-BS. The device was powered with ±2.5 V
supplies, using 120 Sps OWR, the 64x gain range,
bipolar mode, and with the input short bit enabled.
2.1.4. No Offset DAC
An offset DAC was not included in the CS553X
family because the high dynamic range of the con-
verter eliminates the need for one. The offset regis-
AIN
Gain = 2,4,8,16, 32, 64
C =12.5 pF
f=
Gain = 1
AIN
C= 80 pF
φ Coarse
1
φ Fine
1
V
≤ 20 mV
i= fV
C
os
os
n
V
≤ 1mV
i= fV
C
os
os
n
MCLK
128
f=
MCLK
16
Figure 4. Input models for AIN+ and AIN- pins
1
10
100
0.01
0.1
1
10
Frequency (Hz)
Gain = 64
Figure 5. Measured Voltage Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com