Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD20060D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSD20060D
Description  ZERO RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSD20060D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSD20060D Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD20060D Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD20060D Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD20060D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CSD20060
Page 4 • CSD20060, Rev/ A
®
P O W E R
Package Dimensions
Package TO-247-3
Part Number
Package
Marking
CSD20060D
TO-247-3
CSD20060
Cree, Inc.
Power Products
4600 Silicon Drive
Durham, NC 27703 • USA
tel: 919-313-5300
fax: 919-313-5451
www.cree.com
Copyright © 2001 Cree, Inc. All rights reserved.
Permission is given to reproduce this document
provided the entire document (including this
copyright notice) is duplicated.
The information in this document is subject to
change without notice.
Cree and the Cree logo are trademarks of Cree,
Inc.
¡
¡
¡
PIN 2
PIN 3
CASE
PIN 1 ¡
A
G
F
E
D
C
B
Q
P
N
M
L
K
J
H
U
T
S
R
Min
Max
Min
Max
A
.621
.631
15.773 16.027
B
.820
.830
20.823 21.077
C
.789
.799
20.053 20.307
D
.120
.126
3.044
3.196
E
.047
.052
1.200
1.327
F
.075
.084
1.903
2.132
G
H
.193
.203
4.903
5.157
J
.075
.081
1.904
2.056
K
19°
21°
19°
21°
L
4°
6°
4°
6°
M
2°
4°
2°
4°
N
2°
4°
2°
4°
P
.093
.097
2.349
2.451
Q
.024
.030
.600
.752
R
9°
11°
9°
11°
S
9°
11°
9°
11°
T
2°
4°
2°
4°
U
2°
4°
2°
4°
.215 TYP
5.450 TYP
POS
Inches
Millimeters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com