Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5534-AS Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS5534-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5534-AS Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS5534-AS Datasheet HTML 42Page - Cirrus Logic CS5534-AS Datasheet HTML 43Page - Cirrus Logic CS5534-AS Datasheet HTML 44Page - Cirrus Logic CS5534-AS Datasheet HTML 45Page - Cirrus Logic CS5534-AS Datasheet HTML 46Page - Cirrus Logic CS5534-AS Datasheet HTML 47Page - Cirrus Logic CS5534-AS Datasheet HTML 48Page - Cirrus Logic CS5534-AS Datasheet HTML 49Page - Cirrus Logic CS5534-AS Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
CS5531/32/33/34
46
DS289PP5
3. PIN DESCRIPTIONS
Clock Generator
OSC1; OSC2 - Master Clock.
An inverting amplifier inside the chip is connected between these pins and can be used with a
crystal to provide the master clock for the device. Alternatively, an external (CMOS
compatible) clock (powered relative to VD+) can be supplied into the OSC2 pin to provide the
master clock for the device.
Control Pins and Serial Data I/O
CS - Chip Select.
When active low, the port will recognize SCLK. When high the SDO pin will output a high
impedance state. CS should be changed when SCLK = 0.
1
2
3
4
5
6
7
817
18
19
20
21
22
23
24
9
10
11
12
13
14
15
16
CS5533/4
VREF+
VREF-
CS
DGND
SDO
SERIAL DATA INPUT
POSITIVE ANALOG POWER
AMPLIFIER CAPACITOR CONNECT
AMPLIFIER CAPACITOR CONNECT
DIFFERENTIAL ANALOG INPUT
CHIP SELECT
VOLTAGE REFERENCE INPUT
VOLTAGE REFERENCE INPUT
DIFFERENTIAL ANALOG INPUT
DIFFERENTIAL ANALOG INPUT
POSITIVE DIGITAL POWER
DIGITAL GROUND
SERIAL DATA OUT
MASTER CLOCK
DIFFERENTIAL ANALOG INPUT
AIN3+
AIN3-
SDI
VD+
NEGATIVE ANALOG POWER
DIFFERENTIAL ANALOG INPUT
DIFFERENTIAL ANALOG INPUT
DIFFERENTIAL ANALOG INPUT
DIFFERENTIAL ANALOG INPUT
AIN2-
AIN2+
A1
A0
VA-
VA+
C2
C1
AIN4-
AIN4+
OSC1
OSC2
AIN1-
AIN1+
SCLK
SERIAL CLOCK INPUT
LOGIC OUTPUT (ANALOG)/GUARD
LOGIC OUTPUT (ANALOG)
MASTER CLOCK
1
2
3
4
5
6
7
813
14
15
16
17
18
19
20
VREF+
VREF-
SCLK
CS
DGND
A1
A0
VA-
VA+
C2
C1
AIN1-
AIN1+
9
10
11
12
SDO
OSC1
OSC2
SERIAL DATA INPUT
LOGIC OUTPUT (ANALOG)/GUARD
POSITIVE ANALOG POWER
AMPLIFIER CAPACITOR CONNECT
AMPLIFIER CAPACITOR CONNECT
DIFFERENTIAL ANALOG INPUT
CHIP SELECT
VOLTAGE REFERENCE INPUT
VOLTAGE REFERENCE INPUT
DIFFERENTIAL ANALOG INPUT
DIFFERENTIAL ANALOG INPUT
SERIAL CLOCK INPUT
POSITIVE DIGITAL POWER
DIGITAL GROUND
SERIAL DATA OUT
MASTER CLOCK
CS5531/2
DIFFERENTIAL ANALOG INPUT
AIN2+
AIN2-
SDI
VD+
NEGATIVE ANALOG POWER
MASTER CLOCK
LOGIC OUTPUT (ANALOG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com