Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54132 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54132
Description  DM54132/DM74132 Quad 2-Input NAND Gates with Schmitt Trigger Inputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54132 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54132 Datasheet HTML 1Page - National Semiconductor (TI) DM54132 Datasheet HTML 2Page - National Semiconductor (TI) DM54132 Datasheet HTML 3Page - National Semiconductor (TI) DM54132 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM54
b
55 Cto a125 C
DM74
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54132
DM74132
Units
Min
Typ
Max
Min
Typ
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VTa
Positive-Going Input
15
17
2
15
17
2
V
Threshold Voltage (Note 1)
VTb
Negative-Going Input
06
09
11
06
09
11
V
Threshold Voltage (Note 1)
HYS
Input Hysteresis (Note 1)
04
08
04
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
24
34
V
Voltage
VI e VTbMin
DM74
24
34
VOL
Low Level Output
VCC e Min IOL e Max
02
04
V
Voltage
VI e VTaMax
ITa
Input Current at
VCC e 5V VI e VTa
b
043
mA
Positive-Going Threshold
ITb
Input Current at
VCC e 5V VI e VTb
b
056
mA
Negative-Going Threshold
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
08
b
12
mA
IOS
Short Circuit
VCC e Max
DM54
b
18
b
55
mA
Output Current
(Note 3)
DM74
b
18
b
55
ICCH
Supply Current with
VCC e Max
15
24
mA
Outputs High
ICCL
Supply Current with
VCC e Max
26
40
mA
Outputs Low
Note 1
VCC e 5V
Note 2
All typicals are at VCC e 5V TA e 25 C
Note 3
Not more than one output should be shorted at a time
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com