Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8402A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8402A
Description  DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8402A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8402A Datasheet HTML 9Page - National Semiconductor (TI) DP8402A Datasheet HTML 10Page - National Semiconductor (TI) DP8402A Datasheet HTML 11Page - National Semiconductor (TI) DP8402A Datasheet HTML 12Page - National Semiconductor (TI) DP8402A Datasheet HTML 13Page - National Semiconductor (TI) DP8402A Datasheet HTML 14Page - National Semiconductor (TI) DP8402A Datasheet HTML 15Page - National Semiconductor (TI) DP8402A Datasheet HTML 16Page - National Semiconductor (TI) DP8402A Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DP8404 Switching Characteristics VCC e 45V to 55V CL e 50 pF TA e Min to Max
Symbol
From
To
Test Conditions
Military
Commercial
Units
(Input)
(Output)
Min
Typ
Max
Min
Typ
Max
tpd
DB and CB
ERR
S1 e H S0 e L RL e 500X
26
26
ns
S1 e L S0 e H RL e 500X
26
26
tpd
DB and CB
MERR
S1 e H S0 e L RL e 500X
40
40
ns
S1 e L S0 e H RL e 500X
40
40
tpd
S0
v and S1v
CB
R1 e R2 e 500X
35
35
ns
tpd
DB
CB
S1 e L S0 e L R1 e R2 e 500X
35
35
ns
tpd
S1
u
CB
S0 e H R1 e R2 e 500X
35
35
ns
ten
OECB
v
CB
S1 e X S0 e H R1 e R2 e 500X
18
18
ns
tdis
OECB
u
CB
S1 e X S0 e H R1 e R2 e 500X
18
18
ns
ten
OECB
v
DB
S1 e X S0 e H R1 e R2 e 500X
18
18
ns
tdis
OECB
u
DB
S1 e X S0 e H R1 e R2 e 500X
18
18
ns
DP8405 Switching Characteristics VCC e 45V to 55V CL e 50 pF TA e Min to Max
Symbol
From
To
Test Conditions
Military
Commercial
Units
(Input)
(Output)
Min
Typ
Max
Min
Typ
Max
tpd
DB and CB
ERR
S1 e H S0 e L RL e 500X
26
26
ns
DB
ERR
S1 e L S0 e H RL e 500X
26
26
tpd
DB and CB
MERR
S1 e H S0 e L RL e 500X
40
40
ns
S1 e L S0 e H RL e 500X
40
40
tpd
S0
v and S1v
CB
RL e 680X
40
40
ns
tpd
DB
CB
S1 e L S0 e L RL e 680X
40
40
ns
tpd
S1
u
DB
S0 e H RL e 680X
40
40
ns
tPLH
OECB
u
CB
S1 e X S0 e H RL e 500X
24
24
ns
tPHL
OECB
v
CB
S1 e X S0 e H RL e 680X
24
24
ns
tPLH
OEDB
u
DB
S1 e X S0 e H RL e 680X
24
24
ns
tPHL
OEDB
v
DB
S1 e X S0 e H RL e 680X
24
24
ns
All typical values are at VCC e 5V TA ea25 C
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com