Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8473N Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473N
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473N Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP8473N Datasheet HTML 20Page - National Semiconductor (TI) DP8473N Datasheet HTML 21Page - National Semiconductor (TI) DP8473N Datasheet HTML 22Page - National Semiconductor (TI) DP8473N Datasheet HTML 23Page - National Semiconductor (TI) DP8473N Datasheet HTML 24Page - National Semiconductor (TI) DP8473N Datasheet HTML 25Page - National Semiconductor (TI) DP8473N Datasheet HTML 26Page - National Semiconductor (TI) DP8473N Datasheet HTML 27Page - National Semiconductor (TI) DP8473N Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AC Test Conditions (Notes 11 12 13)
Input Pulse Levels
GND to 3V
Input Rise and Fall Times
6 ns
Input and Output Reference Levels
13V
TRI-STATE Reference Levels
Active High b 05V
Active Low a 05V
Note 11
CL e 100 pF includes jig and scope capacitance
Note 12
S1 e open for push-pull outputs S1 e VCC for high impedance to
active low and active low to high impedance measurements S1 e GND for
high impedance to active high and active high to high imepedance measure-
ments RL e 10 kX for mP interface pins
Note 13
For the Open Drain Drive Interface Pins S1 e VCC and RL e
150X
Capacitance TA e 25 C f e 1 MHz (Note 14)
Symbol
Parameter
Typ
Units
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
8
pF
Note 14
This parameter is not 100% tested
TLF9384 – 20
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com