Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1210 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-1210
Description  Epoxy coating protects wound wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1210 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-1210 Datasheet HTML 1Page - Abracon Corporation AISC-1210 Datasheet HTML 2Page - Abracon Corporation AISC-1210 Datasheet HTML 3Page - Abracon Corporation AISC-1210 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
AISC-1210-xxx
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.28.12
Visit www.abracon.com for Terms & Conditions of Sale
SMD CERAMIC WIRE-WOUND INDUCTORS
Pb RoHS
Compliant
3.65 x 2.95 x 2.70mm
Key Electrical Specifications (Con’d)
Part Number
AISC-0603-
Inductance
Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-1210-R68
680
G, J, K
45
35/150
1.20
430
400
AISC-1210-R82
820
G, J, K
45
35/150
1.82
400
370
AISC-1210-1R0
1000
G, J, K
45
35/150
1.85
320
340
AISC-1210-1R2
1200
G, J, K
35
35/150
1.87
300
220
AISC-1210-1R5
1500
G, J, K
20
7.9/50
1.95
310
160
AISC-1210-1R8
1800
G, J, K
30
7.9/50
2.25
310
160
AISC-1210-2R2
2200
G, J, K
25
7.9/50
2.41
310
130
AISC-1210-2R7
2700
G, J, K
25
7.9/50
2.85
300
110
AISC-1210-3R0
3000
G, J, K
20
7.9/25
3.12
300
110
AISC-1210-3R9
3900
G, J, K
20
7.9/25
3.60
290
60
AISC-1210-4R7
4700
G, J, K
20
7.9/25
4.00
280
60
AISC-1210-5R6
5600
G, J, K
15
7.9/25
5.00
250
50
AISC-1210-6R8
6800
G, J, K
15
7.9/7.9
8.00
230
40
AISC-1210-8R6
8600
G, J, K
15
7.9/7.9
9.00
200
40
Test Conditions and Equipemt
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Q Factor (Q): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
Self-Resonant Frequency (SRF): Agilent4991B+Agilent16197A and HP 8753E or equivalent, -20dBm or 50mV
Rated Current (Ir): Ir is direct electric current as chip surface temperature rose just 20oC against
chip initial surface temperature (Ta)
ELECTRICAL CHARACTERISTICS CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com