Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8403D Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8403D
Description  DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8403D Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8403D Datasheet HTML 1Page - National Semiconductor (TI) DP8403D Datasheet HTML 2Page - National Semiconductor (TI) DP8403D Datasheet HTML 3Page - National Semiconductor (TI) DP8403D Datasheet HTML 4Page - National Semiconductor (TI) DP8403D Datasheet HTML 5Page - National Semiconductor (TI) DP8403D Datasheet HTML 6Page - National Semiconductor (TI) DP8403D Datasheet HTML 7Page - National Semiconductor (TI) DP8403D Datasheet HTML 8Page - National Semiconductor (TI) DP8403D Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TABLE II Parity Algorithm
Check Word
32-Bit Data Word
Bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
CB0
XX
XX
XX
X
X
X
X
X X X X
X
X
CB1
XXXXXX
X
X
XX
X
X
X
X X
CB2
X
X
X
X
XX
XX
X
X
X X
X
X X X
X
CB3
XXX
X
XX
XX
XXX
X X X
X X
CB4
XX
XXXXXX
X
X
X X X X X X
CB5
XXXXXXXX
XXXXXX X X
CB6
XXXXXXXX
X X X X X X X X
The seven check bits are parity bits derived from the matrix of data bits as indicated by ‘‘X’’ for each bit
Check bits 0 1 2 are odd parity or the exclusive NORing of the ‘‘X’’ed bits for the particular check bit Check bits 3 4 5 6 are even parity or the exclusive ORing of
the ‘‘X’’ed bits for the particular check bit
Memory Read Cycle (Error
Detection
Correction Details)
During a memory read cycle the 7-bit check word is re-
trieved along with the actual data In order to be able to
determine whether the data from the memory is acceptable
to use as presented on the bus the error flags must be
tested to determine if they are at the high level
The first case in Table III represents the normal no-error
conditions The EDAC presents highs on both flags The
next two cases of single-bit errors give a high on MERR and
a low on ERR which is the signal for a correctable error
and the EDAC should be sent through the correction cycle
The last three cases of double-bit errors will cause the
EDAC to signal lows on both ERR and MERR which is the
interrupt indication for the CPU
TABLE III Error Function
Total Number of Errors
Error Flags
Data Correction
32-Bit Data Word
7-Bit Check Word
ERR
MERR
0
0
H
H
Not applicable
1
0
L
H
Correction
0
1
L
H
Correction
1
1
L
L
Interrupt
2
0
L
L
Interrupt
0
2
L
L
Interrupt
The DP8402 check bit syndrome matrix can be seen in TA-
BLE II The horizontal rows of this matrix generate the
check bits by selecting different combinations of data bits
indicated by ‘‘X’’s in the matrix and generating parity from
them For instance parity check bit ‘‘0’’ is generated by
EXCLUSIVE NORing the following data bits together 31
29 28 26 21 19 18 17 14 11 9 8 7 6 4 and 0 For
example the data word ‘‘00000001H’’ would generate the
check bits CB6 – 0 e 48H (Check bits 0 1 2 are odd parity
and check bits 3 4 5 6 are even parity)
During a WRITE operation (mode 0) the data enters the
DP8402 and check bits are generated at the check bit in-
putoutput port Both the data word and the check bits are
then written to memory
During a READ operation (mode 2 error detection) the data
and check bits that were stored in memory now possibly in
error are input through the data and check bit IO ports
New check bits are internally generated from the data word
These new check bits are then compared by an EXCLU-
SIVE NOR operation with the original check bits that were
stored in memory The EXCLUSIVE NOR of the original
check bits that were stored in memory with the new check
bits is called the syndrome word If the original check bits
are the same as the new check bits a no error condition
then a syndrome word of all ones is produced and both
error flags (ERR and MERR) will be high The DP8402 ma-
trix encodes errors as follows
TABLE IV Read Flag and Correct Function
Memory
EDAC
Control
DB Control
DB Output Latch
CB
Error Flags
Cycle
Function
S1
S0
Data IO
OEBn or
DP8402A DP8403
Check IO
Control
ERR
MERR
OEDB
LEDBO
OECB
Read
Read
flag
H
L
Input
H
X
Input
H
Enabled
Latch input
Input
Input
Read
data and check
H
H
data
H
L
check word
H
Enabled
bits
latched
latched
Output
Output
Output
Read
corrected data
H
H
corrected
L
X
syndrome
L
Enabled
syndrome bits
data word
bits
See Table III for error description
See Table V for error location
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com