Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0310FSSA Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0310FSSA
Description  Small DCR and high rated current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0310FSSA Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0310FSSA Datasheet HTML 1Page - Abracon Corporation ASPI-0310FSSA Datasheet HTML 2Page - Abracon Corporation ASPI-0310FSSA Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0310FSSA
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.10.10
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
、
3.0 x 3.0 x 1.0mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
Test Conditions
ASPI-0310FSSA -
-
Packaging
T: Tape and Reel
(1kpcs / reel)
T4: Tape and Reel
(4kpcs / reel)
Inductance Code
Please refer to the
table above
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Inductance: 100kHz,0.3V, Ta=20°C
DCR:
Ta=20°C
Isat:
ΔL/L (initial) ≥ -30%
Irms:
ΔT ≤ 40°C
Abracon P/N:
ASPI-0310FSSA Series
Operating Temperature & Humidity:
Storage Temperature & Humidity:
-30°C to +100°C, 5% to 85% RH. Please avoid moisture due to the humidity.
-20°C to +60°C, 5% to 85% RH. Please avoid moisture due to the humidity.
Part Number
Inductance
DCR
Saturation
Current
Temperature
Rise Current Marking
Units
μ
H±20%
mΩ±20%
A
A
-
Symbol
L
DCR
Isat*
Irms*
-
ASPI-0310FSSA-2R2M
2.2
95
1.10
1.10
2R2
ASPI-0310FSSA-3R3M
3.3
140
0.90
0.95
3R3
ASPI-0310FSSA-4R7M
4.7
170
0.77
0.90
4R7
ASPI-0310FSSA-6R8M
6.8
300
0.63
0.70
6R8
ASPI-0310FSSA-100M
10.0
450
0.54
0.67
100
ASPI-0310FSSA-220M
22.0
1030
0.35
0.40
220
*The rated current is subject to change depending upon the temperature cooling condition.
• Small size and low profile: 1.0mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.


Similar Part No. - ASPI-0310FSSA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0310FS ABRACON-ASPI-0310FS Datasheet
1Mb / 3P
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
ASPI-0310FS-100 ABRACON-ASPI-0310FS-100 Datasheet
1Mb / 3P
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
ASPI-0310FS-150 ABRACON-ASPI-0310FS-150 Datasheet
1Mb / 3P
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
ASPI-0310FS-1R0 ABRACON-ASPI-0310FS-1R0 Datasheet
1Mb / 3P
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
ASPI-0310FS-1R2 ABRACON-ASPI-0310FS-1R2 Datasheet
1Mb / 3P
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
More results

Similar Description - ASPI-0310FSSA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
Very high current capacity Low DCR
logo
Abracon Corporation
ASPI-0612FS ABRACON-ASPI-0612FS Datasheet
2Mb / 3P
Small DCR and high rated current
04.10.13
logo
GuangDong Province Meng...
MTSFB0402 MENGCO-MTSFB0402 Datasheet
3Mb / 2P
Low DCR, small package
MTSFB0603 MENGCO-MTSFB0603 Datasheet
1Mb / 1P
Low DCR, small package
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM801TQ2 MURATA1-DLW5BSM801TQ2_V01 Datasheet
419Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ501TQ2 MURATA1-DLW5BSZ501TQ2_V01 Datasheet
372Kb / 3P
Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ601TQ2 MURATA1-DLW5BSZ601TQ2_V01 Datasheet
372Kb / 3P
Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ801TQ2 MURATA1-DLW5BSZ801TQ2_V01 Datasheet
371Kb / 3P
Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com