Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0315FSSA Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0315FSSA
Description  High reliability to mechanical stress
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0315FSSA Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0315FSSA Datasheet HTML 1Page - Abracon Corporation ASPI-0315FSSA Datasheet HTML 2Page - Abracon Corporation ASPI-0315FSSA Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0315FSSA
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.06.11
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
、
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
3.0 x 3.0 x 1.5mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
Test Conditions
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0315FSSA Series
Operating Temperature & Humidity :
Storage Temperature
& Humidity:
-30°C to +100°C, 5% to 85% RH.
-20°C to +60°C, 5% to 85% RH.
• Small size and low profile: 1.5mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
Part Number
Inductance
DCR
Saturation
Current
Temperature
Rise Current Marking
Units
μH±20%
mΩ±20%
A
A
-
-
Symbol
L
DCR
Isat*
Irms*
-
-
ASPI-0315FSSA-2R2M
2.2
60
1.6
1.28
2R2
ASPI-0315FSSA-3R3M
3.3
80
1.3
1.18
3R3
ASPI-0315FSSA-4R7M
4.7
110
1.1
1.00
4R7
ASPI-0315FSSA-6R8M
6.8
160
1.0
0.85
6R8
ASPI-0315FSSA-100M
10.0
200
0.82
0.75
100
ASPI-0315FSSA-220M
22.0
500
0.56
0.47
220
ASPI-0315FSSA-330M
33.0
800
0.44
0.40
330
ASPI-0315FSSA-470M
47.0
1200
0.37
0.33
470
*The rated current is subject to change depending upon the temperature cooling condition.
Inductance: 100kHz, 0.3V, Ta=20˚C
DCR: Ta=20˚C
Isat: ∆L/L (initial) ≥ -30%
Irms: ∆T ≤ 40˚C
ASPI-0315FSSA -
-
Packaging
T: Tape and Reel
(1kpcs / reel)
T3: Tape and Reel
(3kpcs / reel)
Inductance Code
Please refer to the
table above


Similar Part No. - ASPI-0315FSSA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0315FS ABRACON-ASPI-0315FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0315FS-100 ABRACON-ASPI-0315FS-100 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0315FS-101 ABRACON-ASPI-0315FS-101 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0315FS-150 ABRACON-ASPI-0315FS-150 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0315FS-1R0 ABRACON-ASPI-0315FS-1R0 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
More results

Similar Description - ASPI-0315FSSA

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HT30 EXTECH-HT30 Datasheet
165Kb / 12P
Heat Stress WBGT Meter
logo
Agilent(Hewlett-Packard...
N4917A HP-N4917A Datasheet
1,013Kb / 12P
Optical Receiver Stress Test Solution
logo
List of Unclassifed Man...
BHSD-2032 ETC2-BHSD-2032 Datasheet
60Kb / 1P
Polypropylene, High environment stress crack resistance,Color Clear
logo
jb Capacitors Company
JFM JBCAPACITORS-JFM Datasheet
219Kb / 1P
High reliability at high current stress
logo
TOKO, Inc
FSDVA TOKO-FSDVA Datasheet
180Kb / 1P
Highly durable against mechanical stress
logo
Abracon Corporation
ASPI-0312FSSA ABRACON-ASPI-0312FSSA Datasheet
5Mb / 3P
High reliability to mechanical stress
05.26.11
ASPI-0320S ABRACON-ASPI-0320S Datasheet
1Mb / 3P
High reliability to mechanical stress
11.10.11
logo
Keysight Technologies
N4917B KEYSIGHT-N4917B Datasheet
2Mb / 21P
Optical Receiver Stress Test Solution
logo
Lumileds Lighting Compa...
AB06 LUMILEDS-AB06 Datasheet
1Mb / 12P
Circuit Design and Layout Practices to Minimize Electrical Stress
AB188 LUMILEDS-AB188 Datasheet
1Mb / 8P
Circuit Design and Layout Practices to Minimize Electrical Stress
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com