Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32L Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SS32L
Description  3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS32L Datasheet(HTML) 1 Page - Nanjing International Group Co

  SS32L Datasheet HTML 1Page - Nanjing International Group Co SS32L Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.42
0.36
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Operating
Storage Temperature Range TSTG
Temperature Range Tj
3.0
1
20
0.2
20
10
-65
+125
-65
+150
V
V
V
A
V
mA
mA
pF
C
C
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.093 grams
SS32L THRU SS34L
VOLTAGE RANGE
20 to
40 Volts
CURRENT
3.0 Ampere
UNITS
V
Typical Thermal Resistance RqJA (Note 2)
/W
S
S32L
S
S34L
20
40
14
2
8
3
20
20
40
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
Dimensions in inches and (millimeters)
DO-214AA(SMB)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.111(2.84)
.091(2.33)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.


Similar Part No. - SS32L

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS32L DGNJDZ-SS32L Datasheet
248Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
SS32L CHONGQING-SS32L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS32L DGNJDZ-SS32L Datasheet
319Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
SS32L GXELECTRONICS-SS32L Datasheet
459Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Bytesonic Electronics C...
SS32L BYTESONIC-SS32L Datasheet
249Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/6/20
More results

Similar Description - SS32L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0520LP SECOS-SCS0520LP Datasheet
159Kb / 2P
0.5 Amp Low Vf Schottky Barrier Rectifiers
SK34CL SECOS-SK34CL Datasheet
257Kb / 2P
Voltage 40V Low VF & Low IR 3.0 Amp Schottky Barrier Rectifiers
SBR3080RF SECOS-SBR3080RF Datasheet
257Kb / 2P
30.0 Amp Low VF Schottky Barrier Rectifiers
SBR20100I SECOS-SBR20100I_15 Datasheet
258Kb / 2P
20.0 Amp Low VF Schottky Barrier Rectifiers
SBR3080R SECOS-SBR3080R_15 Datasheet
260Kb / 2P
30.0 Amp Low VF Schottky Barrier Rectifiers
SCS0540LP SECOS-SCS0540LP_15 Datasheet
383Kb / 2P
0.5 Amp Low VF Schottky Barrier Rectifiers
logo
Nanjing International G...
SS32L DGNJDZ-SS32L Datasheet
248Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS32SMB DGNJDZ-SS32SMB Datasheet
277Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS34F-40V-SMAF DGNJDZ-SS34F-40V-SMAF Datasheet
319Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SRF3060LCT-60V-ITO-220AB DGNJDZ-SRF3060LCT-60V-ITO-220AB Datasheet
98Kb / 2P
30.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com