Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0612FS-4R7 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0612FS-4R7
Description  Small DCR and high rated current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0612FS-4R7 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0612FS-4R7 Datasheet HTML 1Page - Abracon Corporation ASPI-0612FS-4R7 Datasheet HTML 2Page - Abracon Corporation ASPI-0612FS-4R7 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0612FS
ELECTRICAL SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 04.10.13
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
、
• DC/DC converter for LCD display of notebook PC
• Portable communication equipment
• Digital cameras
6.0 x 6.0 x 1.2mm
Pb
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0612FS Series
Operating Temperature & Humidity :
Storage Temperature & Humidity:
• Small size and low profile: 1.2mm
• Small DCR and high rated current
• High reliability to mechanical strength
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
Part Number
ASPI-0612FS-
Inductance Code
Inductance
Inductance
Tolerance
DCR Typ
DCR Max
Saturation
Current
Temperature
Rise Current
Units
μH
%
mΩ
mΩ
A
A
Symbol
L
M
DCR Typ
DCR Max
Isat
Irms
ASPI-0612FS-2R2
2.2
M
65
78
2.40
1.80
ASPI-0612FS-2R5
2.5
M
90
117
2.10
1.80
ASPI-0612FS-3R3
3.3
M
105
137
1.80
1.70
ASPI-0612FS-4R7
4.7
M
125
163
1.60
1.55
ASPI-0612FS-5R3
5.3
M
125
163
1.50
1.55
ASPI-0612FS-6R8
6.8
M
165
215
1.30
1.35
ASPI-0612FS-100
10
M
200
260
1.00
1.20
ASPI-0612FS-150
15
M
295
384
0.80
0.80
ASPI-0612FS-220
22
M
775
930
0.76
0.65
ASPI-0612FS-330
33
M
580
754
0.59
0.55
ASPI-0612FS-470
47
M
965
1255
0.52
0.46
ASPI-0612FS-680
68
M
1160
1508
0.44
0.41
ASPI-0612FS-101
100
M
1670
2171
0.35
0.32
Test Conditions
1. Isat : Based on inductance change (∆L/Lo: -30%)
2. Irms : Based on temperature rise ( T : 40oC)
3. Test Freq: 100KHz, 1Vrms
-40°C to +105°C (Including self temperature rise)
-5°C to +40°C and RH 70% (Max.) in Tape & Reel
RoHS/RoHS II Compliant
ABRACON IS
ASPI-0612FS-
-
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T: Tape and Reel
(1kpcs / reel)
Tolerance
M: ±20%
∆


Similar Part No. - ASPI-0612FS-4R7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-100 ABRACON-ASPI-0615FS-100 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-150 ABRACON-ASPI-0615FS-150 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-1R5 ABRACON-ASPI-0615FS-1R5 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0615FS-220 ABRACON-ASPI-0615FS-220 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
More results

Similar Description - ASPI-0612FS-4R7

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
Very high current capacity Low DCR
logo
Abracon Corporation
ASPI-0310FSSA ABRACON-ASPI-0310FSSA Datasheet
1Mb / 3P
Small DCR and high rated current
09.10.10
logo
GuangDong Province Meng...
MTSFB0402 MENGCO-MTSFB0402 Datasheet
3Mb / 2P
Low DCR, small package
MTSFB0603 MENGCO-MTSFB0603 Datasheet
1Mb / 1P
Low DCR, small package
logo
Murata Manufacturing Co...
DLW5BSM501TQ2 MURATA1-DLW5BSM501TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM601TQ2 MURATA1-DLW5BSM601TQ2_V01 Datasheet
420Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSM801TQ2 MURATA1-DLW5BSM801TQ2_V01 Datasheet
419Kb / 3P
Small size (5.0x5.0mm) and high rated current (1 to 2A)
Last updated07/26/2022
DLW5BSZ501TQ2 MURATA1-DLW5BSZ501TQ2_V01 Datasheet
372Kb / 3P
Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ601TQ2 MURATA1-DLW5BSZ601TQ2_V01 Datasheet
372Kb / 3P
Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
DLW5BSZ801TQ2 MURATA1-DLW5BSZ801TQ2_V01 Datasheet
371Kb / 3P
Small size (5.0x5.0mm) and high rated current (0.7 to 1.5A)
Last updated07/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com