Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0804T-2R2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0804T-2R2
Description  Special design lead wire for high isolation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804T-2R2 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0804T-2R2 Datasheet HTML 1Page - Abracon Corporation ASPI-0804T-2R2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ASPI-0804T
ELECTRICAL SPECIFICATIONS:
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 10.21.11
Visit
www.abracon.comfor Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
、
• Step-up and step-down converters
• Telecommunications
• DC-DC converter used in PDA,
notebook computers and mobile phones
13.5 x 9.5 x 5.5mm
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION:
SMD Power Inductor
• Compact size 13.5 x 9.5 x 5.5mm
• High energy storage and very low DCR
• Suitable for RoHS compliant reflow
• Special design lead wire for high isolation
Abracon P/N:
ASPI-0804T Series
Operating Temperature & Humidity :
Storage Temperature
& Humidity:
-40˚C to +85˚C
PART NUMBER
INDUCTANCE (uH)
Tolerance
DCR ( ) max
IDC (A) max
ASPI-0804T-1R0
1.0
M
0.009
9.00
ASPI-0804T-1R5
1.5
M
0.010
8.00
ASPI-0804T-2R2
2.2
M
0.012
7.00
ASPI-0804T-3R3
3.3
M
0.015
6.40
ASPI-0804T-4R7
4.7
M
0.018
5.40
ASPI-0804T-6R8
6.8
M
0.027
4.60
ASPI-0804T-100
10
M
0.038
3.80
ASPI-0804T-120
12
M
0.050
3.10
ASPI-0804T-150
15
M
0.046
3.00
ASPI-0804T-220
22
M
0.085
2.60
ASPI-0804T-330
33
M
0.100
2.00
ASPI-0804T-470
47
M
0.140
1.60
ASPI-0804T-680
68
M
0.200
1.40
ASPI-0804T-101
100
M
0.280
1.20
ASPI-0804T-151
150
M
0.400
1.00
ASPI-0804T-221
220
M
0.610
0.80
ASPI-0804T-331
330
M
1.020
0.60
ASPI-0804T-471
470
M
1.270
0.50
ASPI-0804T-681
680
M
2.020
0.40
ASPI-0804T-102
1000
M
3.000
0.30
Test Conditions
Inductance: 100kHz
Isat: ∆L/L (initial) ≥ -10%
+22˚C to +28˚C, Humidity < 80%RH
ASPI-0804T -
-
Inductance Code
Please refer to the table above
Tolerance %
M: ± 20%
Packaging
T: Tape and Reel (700pcs / reel)
RoHS
Compliant
Pb


Similar Part No. - ASPI-0804T-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-2R2M ABRACON-ASPI-0804T-2R2M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
More results

Similar Description - ASPI-0804T-2R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SS101 ETC1-1SS101 Datasheet
124Kb / 2P
SUPER HIGH SPEED SWITCHING DIODE SPECIAL DESIGN FOR PROTECTING SOLAR BATTERY
logo
Kwang Myoung I.S. CO.,L...
2CL100-30 KISEMICONDUCTOR-2CL100-30 Datasheet
132Kb / 1P
High Voltage Diodes for Special Using
2CL200-15 KISEMICONDUCTOR-2CL200-15 Datasheet
174Kb / 1P
High Voltage Diodes for Special Using
2CL300-10 KISEMICONDUCTOR-2CL300-10 Datasheet
164Kb / 1P
High Voltage Diodes for Special Using
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
SPECIAL FOR HIGH INTENSITY
logo
WALSIN TECHNOLOGY CORPO...
WF25N WALSIN-WF25N Datasheet
524Kb / 9P
Special materials and design for higher working voltage required
WF25V WALSIN-WF25V Datasheet
373Kb / 8P
Special material and design for high working voltage require
WK25V WALSIN-WK25V Datasheet
225Kb / 8P
Special material and design for high working voltage require
WK25V_J WALSIN-WK25V_J Datasheet
381Kb / 8P
Special material and design for high working voltage require
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com