Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148T Datasheet(PDF) 63 Page - Dallas Semiconductor

Part # DS2148T
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148T Datasheet(HTML) 63 Page - Dallas Semiconductor

Back Button DS2148T Datasheet HTML 59Page - Dallas Semiconductor DS2148T Datasheet HTML 60Page - Dallas Semiconductor DS2148T Datasheet HTML 61Page - Dallas Semiconductor DS2148T Datasheet HTML 62Page - Dallas Semiconductor DS2148T Datasheet HTML 63Page - Dallas Semiconductor DS2148T Datasheet HTML 64Page - Dallas Semiconductor DS2148T Datasheet HTML 65Page - Dallas Semiconductor DS2148T Datasheet HTML 66Page - Dallas Semiconductor DS2148T Datasheet HTML 67Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
DS2148/Q48
63 of 75
12.
AC CHARACTERISTICS
AC CHARACTERISTICS—MULTIPLEXED PARALLEL PORT
(BIS1 = 0, BIS0 = 0)
(-40
°C to +85°C; VDD = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
200
ns
Pulse Width, DS Low or RD*
High
PWEL
100
ns
Pulse Width, DS High or RD*
Low
PWEH
100
ns
Input Rise/Fall times
tR, tF
20
ns
R/W* Hold Time
tRWH
10
ns
R/W* Setup Time Before DS
High
tRWS
50
ns
CS* Setup Time Before DS,
WR* or RD* Active
tCS
20
ns
CS* Hold Time
tCH
0
ns
Read Data Hold Time
tDHR
10
50
ns
Write Data Hold Time
tDHW
0
ns
Muxed Address Valid to AS
or ALE Fall
tASL
15
ns
Muxed Address Hold Time
tAHL
10
ns
Delay Time DS, WR* or RD*
to AS or ALE Rise
tASD
20
ns
Pulse Width AS or ALE High
PWASH
30
ns
Delay Time, AS or ALE to
DS, WR* or RD*
tASED
10
ns
Output Data Delay Time
From DS or RD*
tDDR
20
80
ns
Data Setup Time
tDSW
50
ns
See Figure 12-1, Figure 12-2, Figure 12-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com