Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-7SS Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-7SS
Description  Low Profile SMD Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-7SS Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-7SS Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CSM-7SSX
Low Profile SMD Crystal
The CSM-7SSX is an excellent choice for a low cost SMD
crystal. The CSM-7SSX (5PVX) has a case height of 2.6 mm
Max. in a resistance weld metal package.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-7SSX
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
@ +25°C ±3°C
at +25°C
Standard -10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (Per Year)
Frequency Tolerance
Frequency Stability
Shunt Capacitance
Load Capacitance (CL)
Drive Level
3.57
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
3.57 ~ 4.999
5.000 ~ 5.999
6.000 ~ 6.999
7.000 ~ 8.999
9.000 ~ 12.999
13.000 ~ 19.999
20.000 ~ 30.000
26.000 ~ 39.999
40.000 ~ 50.000
50.00
± 30
± 50
5
Series
500
-10
-55
+70
+125
±5
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd Overtone
3rd Overtone
150
120
100
80
60
50
40
100
80
PACKAGE DIMENSIONS (mm)
Figure 1) Top, Side, and Bottom views
Figure 2) Suggested Land Pattern
PART NUMBERING GUIDE: Example ECS-200-20-5PVX-TR
Cost effective
2.6 mm Height
Industry Standard Footprint
Pb Free/RoHS Compliant
MSL 1
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
*Stability
Temperature
- Packaging
5PVX = 2.6 mm
A= ± 25 ppm
J= ± 20 ppm
R= ± 15 ppm
C= ± 10 ppm
D= ± 100 ppm
E= ± 50 ppm
G= ± 30 ppm
H= ± 25 ppm
T= ± 20 ppm
W= ± 15 ppm
K= ± 10 ppm
M= -20 ~ +70°C
N= -40 ~ +85°C
P= -40 ~ +105°C
S= -40 ~ +125°C
U= -55 ~ +125°C
TR= Tape
& Reel
1K/Reel
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20
Custom Options


Similar Part No. - CSM-7SS

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
Low Profile SMD Crystal
CSM-7SSX ECS-CSM-7SSX Datasheet
576Kb / 2P
The CSM-7SSX is an excellent choice for a low cost SMD Crystal
CSM-7SSX ECS-CSM-7SSX Datasheet
157Kb / 2P
Low Profile SMD Crystal
CSM-7SSX ECS-CSM-7SSX_14 Datasheet
157Kb / 2P
Low Profile SMD Crystal
CSM-7SSX ECS-CSM-7SSX_17 Datasheet
576Kb / 2P
The CSM-7SSX is an excellent choice for a low cost SMD Crystal
More results

Similar Description - CSM-7SS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS25 ABRACON-ABS25 Datasheet
253Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
Low Profile SMD Crystal
logo
Abracon Corporation
ABS07 ABRACON-ABS07_13 Datasheet
1Mb / 3P
32.768kHz SMD LOW PROFILE CRYSTAL
04.03.13
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX_14 Datasheet
157Kb / 2P
Low Profile SMD Crystal
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
04.07.11
ABLS-LR ABRACON-ABLS-LR_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
11.30.10
ABS07L ABRACON-ABS07L Datasheet
2Mb / 3P
SMD Ultra Low Profile Crystal
02.07.13
ABS06-127-32.768KHZ-T ABRACON-ABS06-127-32.768KHZ-T Datasheet
592Kb / 3P
SMD LOW PROFILE CRYSTAL
03.09.2018
ABS07-166-32.768KHZ-T ABRACON-ABS07-166-32.768KHZ-T Datasheet
691Kb / 3P
SMD LOW PROFILE CRYSTAL
03.19.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com