Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD1503 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDD1503
Description  Single N-channel Trench MOSFET 30V, 87.5A, 4.7m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD1503 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDD1503 Datasheet HTML 1Page - MagnaChip Semiconductor. MDD1503 Datasheet HTML 2Page - MagnaChip Semiconductor. MDD1503 Datasheet HTML 3Page - MagnaChip Semiconductor. MDD1503 Datasheet HTML 4Page - MagnaChip Semiconductor. MDD1503 Datasheet HTML 5Page - MagnaChip Semiconductor. MDD1503 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oct. 2015. Version 1.3
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
Quantity
Rohs Status
MDD1503RH
-55~150
oC
D-PAK
Tape & Reel
3000 units
Halogen Free
Electrical Characteristics (TJ =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.3
1.9
2.7
Drain Cut-Off Current
IDSS
VDS = 30V, VGS = 0V
-
-
1
μA
TJ=55
oC
-
-
5
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 22A
-
4.1
4.7
mΩ
TJ=125
oC
-
5.9
6.8
VGS = 4.5V, ID = 18A
-
5.7
6.8
Forward Transconductance
gfs
VDS = 5V, ID = 10A
-
27
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10V)
VDS = 15.0V, ID = 22A,
VGS = 10V
21
28
35
nC
Total Gate Charge
Qg(4.5V)
10
13.3
16.6
Gate-Source Charge
Qgs
-
5.9
-
Gate-Drain Charge
Qgd
-
4.2
-
Input Capacitance
Ciss
VDS = 15.0V, VGS = 0V,
f = 1.0MHz
1349
1799
2249
pF
Reverse Transfer Capacitance
Crss
132
177
221
Output Capacitance
Coss
266
354
443
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 15.0V,
ID = 22A , RG = 3.0Ω
-
12
-
ns
Rise Time
tr
-
12.7
-
Turn-Off Delay Time
td(off)
-
30.6
-
Fall Time
tf
-
9.2
-
Gate Resistance
Rg
f=1 MHz
-
1.2
2.0
Ω
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 22A, VGS = 0V
-
0.84
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 22A, dl/dt = 100A/μs
-
27.1
40.7
ns
Body Diode Reverse Recovery Charge
Qrr
-
20.6
30.9
nC
Note :
1. Surface mounted FR-4 board by JEDEC (jesd51-7)
2. EAS is tested at starting Tj = 25℃, L = 0.1mH, IAS = 30.0A, VDD = 27V, VGS = 10V.
3. T < 10sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com