Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM22011-600LRFP Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CDM22011-600LRFP
Description  High voltage capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CDM22011-600LRFP Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CDM22011-600LRFP Datasheet HTML 1Page - Central Semiconductor Corp CDM22011-600LRFP Datasheet HTML 2Page - Central Semiconductor Corp CDM22011-600LRFP Datasheet HTML 3Page - Central Semiconductor Corp CDM22011-600LRFP Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDM22011-600LRFP
N-CHANNEL
LR POWER MOSFET
11 AMP, 600 VOLT
ELECTRICAL CHARACTERISTICS - Continued: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
UNITS
Qg(tot)
VDS=480V, VGS=10V, ID=11A (Note 2)
23.05
nC
Qgs
VDS=480V, VGS=10V, ID=11A (Note 2)
4.45
nC
Qgd
VDS=480V, VGS=10V, ID=11A (Note 2)
11.31
nC
td(on)
VDD=300V, VGS=10V, ID=11A, RG=25Ω (Note 2)
11
ns
tr
VDD=300V, VGS=10V, ID=11A, RG=25Ω (Note 2)
27
ns
td(off)
VDD=300V, VGS=10V, ID=11A, RG=25Ω (Note 2)
37
ns
tf
VDD=300V, VGS=10V, ID=11A, RG=25Ω (Note 2)
23
ns
trr
VGS=0, IS=11A, di/dt=100A/μs (Note 2)
315
ns
Qrr
VGS=0, IS=11A, di/dt=100A/μs (Note 2)
4.0
μC
Note 2: Pulse Width < 300μs, Duty Cycle < 2%
TO-220FP CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate
2) Drain
3) Source
MARKING CODE: CDM11-600LR
PIN CONFIGURATION
R4
www.centr a lsemi.com
R4 (19-August 2015)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com