Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS756SCB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS756SCB
Description  Small package size, with easy mounting capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS756SCB Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS756SCB Datasheet HTML 1Page - Allegro MicroSystems ACS756SCB Datasheet HTML 2Page - Allegro MicroSystems ACS756SCB Datasheet HTML 3Page - Allegro MicroSystems ACS756SCB Datasheet HTML 4Page - Allegro MicroSystems ACS756SCB Datasheet HTML 5Page - Allegro MicroSystems ACS756SCB Datasheet HTML 6Page - Allegro MicroSystems ACS756SCB Datasheet HTML 7Page - Allegro MicroSystems ACS756SCB Datasheet HTML 8Page - Allegro MicroSystems ACS756SCB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS756xCB
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS1 over full range of TOP, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage2
VCC
3
5.0
5.5
V
Supply Current
ICC
VCC = 5.0 V, output open
–
10
14
mA
Power On Time
tPO
TA = 25°C
–
35
–
µs
Rise Time
tr
IP = three-quarter scale of IP+, TA = 25°C, COUT = 0.47 nF
–
3
–
µs
Internal Bandwidth3
BWi
–3 dB; IP is 10 A peak-to-peak; 100 pF from VIOUT to GND
–
120
–
kHz
Output Load Resistance
RLOAD(MIN)
VIOUT to GND
4.7
–
–
kΩ
Output Load Capacitance
CLOAD(MAX)
VIOUT to GND
–
–
10
nF
Primary Conductor Resistance
RPRIMARY
TA = 25°C
–
100
–
µΩ
Symmetry
ESYM
Over half-scale of Ip
98.5
100
101.5
%
Bidirectional 0 A Output
VOUT(QBI)
IP = 0 A, TA = 25°C
–
VCC/2
–
V
Magnetic Offset Error
IERROM
IP = 0 A, after excursion of 100 A
–
±0.20
–
A
Ratiometry
VRAT
VCC = 4.5 to 5.5 V
–
100
–
%
Propagation Time
tPROP
TA = 25°C, COUT = 100 pF,
–
1
–
µs
1
Device is factory-trimmed at 5 V, for optimal accuracy.
2
Devices are programmed for maximum accuracy at 5.0 V VCC levels. The device contains ratiometry circuits that accurately alter the 0 A Output Voltage and Sensitivity
level of the device in proportion to the applied VCC level. However, as a result of minor nonlinearities in the ratiometry circuit additional output error will result when VCC
varies from the 5 V VCC level. Customers that plan to operate the device from a 3.3 V regulated supply should contact their local Allegro sales representative regarding
expected device accuracy levels under these bias conditions.
3
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com