Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS601LSG Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS601LSG
Description  Digital output representing target profile
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS601LSG Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS601LSG Datasheet HTML 5Page - Allegro MicroSystems ATS601LSG Datasheet HTML 6Page - Allegro MicroSystems ATS601LSG Datasheet HTML 7Page - Allegro MicroSystems ATS601LSG Datasheet HTML 8Page - Allegro MicroSystems ATS601LSG Datasheet HTML 9Page - Allegro MicroSystems ATS601LSG Datasheet HTML 10Page - Allegro MicroSystems ATS601LSG Datasheet HTML 11Page - Allegro MicroSystems ATS601LSG Datasheet HTML 12Page - Allegro MicroSystems ATS601LSG Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Single Element, Tooth Detecting Speed Sensor IC
ATS601
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615–0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Sensing Technology
The ATS601LSG contains a single-chip Hall effect sensor IC, a
4-pin leadframe and a specially designed permanent magnet. The
Hall IC supports a chopper stabilized Hall element that measures
the magnetic gradient created by the passing of a ferromagnetic
object. The difference in the magnetic field strength created by
teeth and valleys allows the device to generate a digital output
signal that is representative of the target features, independent
of the direction of target rotation or rotational orientation of the
sensor IC.
The ATS601LSG gear tooth sensor device contains a self-cali-
brating Hall effect IC that provides a Hall element, a temperature
compensated amplifier, and offset cancellation circuitry. The
IC also contains a voltage regulator that provides supply noise
rejection over the operating voltage range. The Hall transducers
and the electronics are integrated on the same silicon substrate by
a proprietary BiCMOS process. Changes in temperature do not
greatly affect this device due to the stable amplifier design and
the offset rejection circuitry.
Output Polarity
The polarity of the output is programmable to either be low
opposite target teeth (LT option) or high opposite target teeth (HT
option). See figure 5.
Start-Up Detection
The ATS601LSG always powers-on in the high output state,
independent of the polarity option (HT or LT) selected. The
output will transition to the low state at the first mechanical edge
corresponding to a high-to-low output transition. See figure 6.
Threshold Update
The ATS601 has two programmable options for the threshold
update used to establish running mode switching levels. With
single-tooth update (1 option) the switching threshold for a tooth
Target
Mechanical Profile
Processed
Input Signal, V
PROC
0
V+
Target
Magnetic Profile
|B|
0
Output Switch State
HT option
(Following)
VOUT = High
VOUT = Low
On Off On Off On Off On
Off
Output Switch State
LT option
(Inverting)
VOUT = High
VOUT = Low
On Off On Off On Off On Off
Figure 5. Output Polarity (when connected as shown in figure 1)
Figure 6. Start-up behavior (when connected as shown in figure 1)
Power-on opposite
middle of valley
Rising mechanical
edge
Falling mechanical edge
Target motion
HT option output
LT option output
Power-on opposite
rising mechanical edge
HT option output
LT option output
Power-on opposite
middle of tooth
HT option output
LT option output
Power-on opposite
falling mechanical edge
HT option output
LT option output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com