Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6201P482ML Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6201P482ML
Description  Positive Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P482ML Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6201P482ML Datasheet HTML 9Page - Torex Semiconductor XC6201P482ML Datasheet HTML 10Page - Torex Semiconductor XC6201P482ML Datasheet HTML 11Page - Torex Semiconductor XC6201P482ML Datasheet HTML 12Page - Torex Semiconductor XC6201P482ML Datasheet HTML 13Page - Torex Semiconductor XC6201P482ML Datasheet HTML 14Page - Torex Semiconductor XC6201P482ML Datasheet HTML 15Page - Torex Semiconductor XC6201P482ML Datasheet HTML 16Page - Torex Semiconductor XC6201P482ML Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
XC6201
Series
197
3
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
XC6201P272
1.9
2.1
2.3
2.5
2.7
2.9
2.2
2.7
3.2
Input Voltage:VIN(V)
IOUT=0mA
1mA
10mA
40mA
CIN=CL=1.0
µF(tantalum)
XC6201P272
2.40
2.50
2.60
2.70
2.80
2.90
3
456
7
8
9
10
Input Voltage:VIN(V)
CIN=CL=1.0
µF(tantalum)
IOUT=0mA
1mA
10mA
40mA
XC6201P132
0.5
0.7
0.9
1.1
1.3
1.5
0.8
1.3
1.8
IOUT=0mA
1mA
10mA
40mA
Input Voltage:VIN(V)
CIN=1.0
µF, CL=2.2µF(tantalum)
XC6201P132
1.00
1.10
1.20
1.30
1.40
1.50
23
456
78
9
10
Input Voltage:VIN(V)
CIN=1.0
µF, CL=2.2µF(tantalum)
IOUT=0mA
1mA
10mA
40mA
XC6201P182
1.0
1.2
1.4
1.6
1.8
2.0
1.3
1.8
2.3
Input Voltage:VIN(V)
IOUT=0mA
1mA
10mA
40mA
CIN=CL=1.0
µF(tantalum)
XC6201P182
1.50
1.60
1.70
1.80
1.90
2.00
3
2
456
789
10
Input Voltage:VIN(V)
IOUT=0mA
1mA
10mA
40mA
CIN=CL=1.0
µF(tantalum)
XC6201P332
2.5
2.7
2.9
3.1
3.3
3.5
2.8
3.3
3.8
Input Voltage:VIN(V)
CIN=CL=1.0
µF(tantalum)
IOUT=0mA
1mA
10mA
40mA
XC6201P332
3.00
3.10
3.20
3.30
3.40
3.50
45
67
89
10
Input Voltage:VIN(V)
CIN=CL=1.0
µF(tantalum)
IOUT=0mA
1mA
10mA
40mA
03S_01XC6201 02.9.12 2:35 PM ページ 197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com