Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD3752 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDD3752
Description  P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD3752 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDD3752 Datasheet HTML 1Page - MagnaChip Semiconductor. MDD3752 Datasheet HTML 2Page - MagnaChip Semiconductor. MDD3752 Datasheet HTML 3Page - MagnaChip Semiconductor. MDD3752 Datasheet HTML 4Page - MagnaChip Semiconductor. MDD3752 Datasheet HTML 5Page - MagnaChip Semiconductor. MDD3752 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
November 2008. Version 1.0
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDD3752RH
-55~150
oC
D-PAK
Tape & Reel
Halogen Free
Electrical Characteristics (TJ =25
oC unless otherwise noted)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = -250μA, VGS = 0V
-40
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250μA
-1.0
-2.0
-3.0
Zero Gate Voltage Drain Current
IDSS
VDS = -32V, VGS = 0V
-
-1
μA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = -10V, ID = -20A
-
13
17
mΩ
VGS = -4.5V, ID = -10A
19
25
Forward Transconductance
gFS
VDS = -10V, ID = -20A
40
-
S
Dynamic Characteristics
Total Gate Charge
Qg
VDD = -20V, ID = -20A,
VGS = -10V
-
44.1
-
nC
Gate-Source Charge
Qgs
-
8.6
-
Gate-Drain Charge
Qgd
-
9.3
-
Input Capacitance
Ciss
VDS = -20V, VGS = 0V,
f = 1.0MHz
-
2088
-
pF
Reverse Transfer Capacitance
Crss
-
168
-
Output Capacitance
Coss
-
290
-
Turn-On Delay Time
td(on)
VGS = -10V ,VDD = -20V,
ID = -1A, RGEN=6.0Ω
-
17.6
-
ns
Turn-On Rise Time
tr
-
17.8
-
Turn-Off Delay Time
td(off)
-
59.0
-
Turn-Off Fall Time
tf
-
19.8
-
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = -20A, VGS = 0V
-
-
1.2
V
Reverse Recovery Time
trr
IS = -20A, di/dt=100A/us
-
40
-
ns
Reverse Recovery Charge
Qrr
-
40
-
nC
Note :
1.
Surface mounted RF4 board with 2oz. Copper.
2.
PD is based on TJ(MAX)=150
OC, P
D(TC=25
OC) is based on Rθ
JC.
3.
Starting TJ=25°C, L=1mH, IAS=-16A VDD=-20V, VGS=-10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com