Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF3N50 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF3N50
Description  N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF3N50 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF3N50 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF3N50 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF3N50 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF3N50 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF3N50 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF3N50 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Feb 2011. Version 0.0
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
2.8
A
TC=100
oC
1.7
A
Pulsed Drain Current
(1)
IDM
11.2
A
Power Dissipation
TC=25
oC
PD
30.5
W
W/
oC
Derate above 25
oC
0.24
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Repetitive Pulse Avalanche Energy
(4)
EAR
4.5
mJ
Single Pulse Avalanche Energy
(4)
EAS
170
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
4.1
MDF3N50
N-Channel MOSFET 500V, 2.8 A, 2.5Ω
General Description
The MDF3N50 uses advanced Magnachip’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent quality.
MDF3N50 is suitable device for SMPS, HID and
general purpose applications.
Features
VDS = 500V
ID = 2.8A
@ VGS = 10V
RDS(ON) ≤ 2.5
@ VGS = 10V
Applications
Power Supply
HID
High Current, High Speed Switching
S
D
G


Similar Part No. - MDF3N50

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF3752 MGCHIP-MDF3752 Datasheet
1Mb / 6P
P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
MDF3752TH MGCHIP-MDF3752TH Datasheet
1Mb / 6P
P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
More results

Similar Description - MDF3N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
logo
Kersemi Electronic Co.,...
KSMD5N60C KERSEMI-KSMD5N60C Datasheet
3Mb / 8P
N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
KSMU5N60C KERSEMI-KSMU5N60C Datasheet
3Mb / 8P
N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
logo
MagnaChip Semiconductor...
MDD3N50G MGCHIP-MDD3N50G Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP16N50G MGCHIP-MDP16N50G Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
MDP18N50 MGCHIP-MDP18N50 Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDP18N50B MGCHIP-MDP18N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com